Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1462051-8 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 1-1462051-8
Description  Frequency range DC to 3GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-1462051-8 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  1-1462051-8 Datasheet HTML 1Page - TE Connectivity Ltd 1-1462051-8 Datasheet HTML 2Page - TE Connectivity Ltd 1-1462051-8 Datasheet HTML 3Page - TE Connectivity Ltd 1-1462051-8 Datasheet HTML 4Page - TE Connectivity Ltd 1-1462051-8 Datasheet HTML 5Page - TE Connectivity Ltd 1-1462051-8 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
06-2015, Rev. 0615
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
AXICOM
RF Signal Relays
HF3 Relay (Continued)
NO
NC
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0
500
1000
1500
2000
2500
3000
Frequency [Mhz]
Typical RF performance, 50Ω version (continued)
Typical RF performance, 75Ω version (continued)
NO
NC
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0
500
1000
1500
2000
2500
Frequency [Mhz]
NO
NC
1.00
1.05
1.10
1.15
1.20
1.25
0
500
1000
1500
2000
2500
3000
Frequency[Mhz]
NO
NC
1.00
1.05
1.10
1.15
1.20
1.25
0
500
1000
1500
2000
2500
Frequency[Mhz]
Terminal assignment
TOP view on component side of PCB
Monostable
Bistable, 1 coil
Contacts are shown in reset condition.
Contact position might change during
transportation and must be reset before
use.
Bistable, 2 coils
1
12
2 3 4 5 6 7 8 9 10 11
13
14
15
16
17
18
19
20
21
22
HF3-PIN-2SPULEN
+
-
+
- reset
set
+
-
+
-
reset
set
NO
NC
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
Frequency [Mhz]
Typical RF performance, 50Ω version
Typical RF performance, 75Ω version
NC
NO
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency [Mhz]


Similar Part No. - 1-1462051-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1462051-8 MACOM-1-1462051-8 Datasheet
645Kb / 6P
   HF3 Relay
logo
List of Unclassifed Man...
1-1462051-8 ETC2-1-1462051-8 Datasheet
645Kb / 6P
   RF Signal Relays
More results

Similar Description - 1-1462051-8

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CV10 JAE-CV10 Datasheet
320Kb / 7P
   FREQUENCY RANGE TO 3GHz
CN50 JAE-CN50 Datasheet
295Kb / 5P
   FREQUENCY RANGE TO 3GHz
CJ2 JAE-CJ2 Datasheet
359Kb / 7P
   FREQUENCY RANGE TO 3GHz
716 JAE-716 Datasheet
289Kb / 5P
   FREQUENCY RANGE TO 3GHz
BNC JAE-BNC Datasheet
413Kb / 11P
   FREQUENCY RANGE TO 3GHz竊?0廓Type竊
logo
Pasternack Enterprises,...
PE3CA1013 PASTERNACK-PE3CA1013 Datasheet
396Kb / 4P
   Operate from DC to 3GHz
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
   DC to 10 GHz Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
logo
CRYSTEK CORPORATION
CBLK-300-3 CRYSTEKMICROWAVE-CBLK-300-3 Datasheet
386Kb / 2P
   SMA DC Block 300KHz to 3GHz
logo
Pasternack Enterprises,...
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
   DC to 10 GHz Operating Frequency Range
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com