Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDL112D25R Datasheet(PDF) 6 Page - STMicroelectronics

Part # LDL112D25R
Description  1.2 A low quiescent current LDO with reverse current protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112D25R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LDL112D25R Datasheet HTML 2Page - STMicroelectronics LDL112D25R Datasheet HTML 3Page - STMicroelectronics LDL112D25R Datasheet HTML 4Page - STMicroelectronics LDL112D25R Datasheet HTML 5Page - STMicroelectronics LDL112D25R Datasheet HTML 6Page - STMicroelectronics LDL112D25R Datasheet HTML 7Page - STMicroelectronics LDL112D25R Datasheet HTML 8Page - STMicroelectronics LDL112D25R Datasheet HTML 9Page - STMicroelectronics LDL112D25R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Maximum ratings
LDL112
6/32
DocID026319 Rev 2
4
Maximum ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage
- 0.3 to 7
V
VOUT
DC output voltage
- 0.3 to VI + 0.3
V
VEN
Enable input voltage
- 0.3 to VI + 0.3
V
VADJ
ADJ pin voltage
2
V
IOUT
Output current
Internally limited
mA
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
- 65 to 150
°C
TOP
Operating junction temperature range
- 40 to 125
°C
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. All values
are referred to GND.
Table 3: Thermal data
Symbol
Parameter
DFN6 (3x3)
DFN6 (2x2)
SO8
PPAK
Unit
RthJA
Thermal resistance junction-ambient
55
65
55(1)
100
°C/W
RthJC
Thermal resistance junction-case
10
15
20
8
°C/W
Notes:
(1)Considering 6 cm² of copper board heatsink.


Similar Part No. - LDL112D25R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
LDL1117S12R STMICROELECTRONICS-LDL1117S12R Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
LDL1117S15R STMICROELECTRONICS-LDL1117S15R Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
LDL1117S18R STMICROELECTRONICS-LDL1117S18R Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
LDL1117S25R STMICROELECTRONICS-LDL1117S25R Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
More results

Similar Description - LDL112D25R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
logo
New Japan Radio
NJM2879-H NJRC-NJM2879-H Datasheet
538Kb / 17P
   LDO with Reverse Current Protection / Discharge Function
Ver.1.3
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
   300mA Low Quiescent Current LDO
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539_05 Datasheet
577Kb / 15P
   1A/1.3A, LDO with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com