Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C66CD0I-J8T1U3 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-93C66CD0I-J8T1U3
Description  Write protect function during the low power supply voltage
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C66CD0I-J8T1U3 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-93C66CD0I-J8T1U3 Datasheet HTML 1Page - Seiko Instruments Inc S-93C66CD0I-J8T1U3 Datasheet HTML 2Page - Seiko Instruments Inc S-93C66CD0I-J8T1U3 Datasheet HTML 3Page - Seiko Instruments Inc S-93C66CD0I-J8T1U3 Datasheet HTML 4Page - Seiko Instruments Inc S-93C66CD0I-J8T1U3 Datasheet HTML 5Page - Seiko Instruments Inc S-93C66CD0I-J8T1U3 Datasheet HTML 6Page - Seiko Instruments Inc S-93C66CD0I-J8T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-93C66CD0I-J8T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-93C66CD0I-J8T1U3 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
3-WIRE SERIAL E2PROM
Rev.1.1_00
S-93C46C/56C/66C/76C/86C
3
Product Name Structure
1. Product name
S-93CxxC x 0 I - xxxx U 3
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Package abbreviation and IC packing specification
*1
J8T1:
8-Pin SOP (JEDEC), Tape
T8T1:
8-Pin TSSOP, Tape
K8T3:
TMSOP-8, Tape
I8T1:
SNT-8A, Tape
Operation temperature
I:
Ta =
−40°C to +85°C
Fixed
Pin assignment
D:
8-Pin SOP (JEDEC)
8-Pin TSSOP
TMSOP-8
SNT-8A
R:
8-Pin SOP (JEDEC) (Rotated)
*2
Product name
S-93C46C:
1 K-bit
S-93C56C:
2 K-bit
S-93C66C:
4 K-bit
S-93C76C:
8 K-bit
S-93C86C:
16 K-bit
*1. Refer to the tape drawing
*2. S-93C46C/56C/66C only
2. Packages
Package Name
Dimension
Tape
Reel
Land
8-Pin SOP (JEDEC)
FJ008-Z-P-SD
FJ008-Z-C-SD
FJ008-Z-R-SD
8-Pin TSSOP
FT008-Z-P-SD
FT008-Z-C-SD
FT008-Z-R-SD
TMSOP-8
FM008-A-P-SD
FM008-A-C-SD
FM008-A-R-SD
SNT-8A
PH008-A-P-SD
PH008-A-C-SD
PH008-A-R-SD
PH008-A-L-SD


Similar Part No. - S-93C66CD0I-J8T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C66CD0I-J8T1U3 SII-S-93C66CD0I-J8T1U3 Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C66CD0I-J8T1U3 ABLIC-S-93C66CD0I-J8T1U3 Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
More results

Similar Description - S-93C66CD0I-J8T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24CM01C SII-S-24CM01C Datasheet
1Mb / 32P
   Write protect function during the low power supply voltage
S-24C08C SII-S-24C08C Datasheet
1Mb / 33P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com