Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93A46BD0A-A8T1U3 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-93A46BD0A-A8T1U3
Description  Function to protect against write due to erroneous instruction recognition
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93A46BD0A-A8T1U3 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-93A46BD0A-A8T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-93A46BD0A-A8T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-93A46BD0A-A8T1U3 Datasheet HTML 9Page - Seiko Instruments Inc S-93A46BD0A-A8T1U3 Datasheet HTML 10Page - Seiko Instruments Inc S-93A46BD0A-A8T1U3 Datasheet HTML 11Page - Seiko Instruments Inc S-93A46BD0A-A8T1U3 Datasheet HTML 12Page - Seiko Instruments Inc S-93A46BD0A-A8T1U3 Datasheet HTML 13Page - Seiko Instruments Inc S-93A46BD0A-A8T1U3 Datasheet HTML 14Page - Seiko Instruments Inc S-93A46BD0A-A8T1U3 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
FOR AUTOMOTIVE 125°C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.2_00
S-93A46B/56B/66B/76B/86B
11
Instruction Sets
1. S-93A46B
Table 11
Instruction
Start Bit
Operation
Code
Address
Data
SK input clock
1
2
3
4
5
6
7
8
9
10 to 25
READ (Data read)
1
1
0
A5
A4
A3
A2
A1
A0
D15 to D0 output
*1
WRITE (Data write)
1
0
1
A5
A4
A3
A2
A1
A0
D15 to D0 input
ERASE (Data erase)
1
1
1
A5
A4
A3
A2
A1
A0
WRAL (Chip write)
1
0
0
0
1
x
x
x
x
D15 to D0 input
ERAL (Chip erase)
1
0
0
1
0
x
x
x
x
EWEN (Write enable)
1
0
0
1
1
x
x
x
x
EWDS (Write disable)
1
0
0
0
0
x
x
x
x
*1. When the 16-bit data in the specified address has been output, the data in the next address is output.
Remark x = Don't care.
2. S-93A56B
Table 12
Instruction
Start Bit
Operation
Code
Address
Data
SK input clock
1
2
3
4
5
6
7
8
9
10
11
12 to 27
READ (Data read)
1
1
0
x
A6
A5
A4
A3
A2
A1
A0
D15 to D0 output
*1
WRITE (Data write)
1
0
1
x
A6
A5
A4
A3
A2
A1
A0
D15 to D0 input
ERASE (Data erase)
1
1
1
x
A6
A5
A4
A3
A2
A1
A0
WRAL (Chip write)
1
0
0
0
1
x
x
x
x
x
x
D15 to D0 input
ERAL (Chip erase)
1
0
0
1
0
x
x
x
x
x
x
EWEN (Write enable)
1
0
0
1
1
x
x
x
x
x
x
EWDS (Write disable)
1
0
0
0
0
x
x
x
x
x
x
*1. When the 16-bit data in the specified address has been output, the data in the next address is output.
Remark x = Don't care.
3. S-93A66B
Table 13
Instruction
Start Bit
Operation
Code
Address
Data
SK input clock
1
2
3
4
5
6
7
8
9
10
11
12 to 27
READ (Data read)
1
1
0
A7
A6
A5
A4
A3
A2
A1
A0
D15 to D0 output
*1
WRITE (Data write)
1
0
1
A7
A6
A5
A4
A3
A2
A1
A0
D15 to D0 input
ERASE (Data erase)
1
1
1
A7
A6
A5
A4
A3
A2
A1
A0
WRAL (Chip write)
1
0
0
0
1
x
x
x
x
x
x
D15 to D0 input
ERAL (Chip erase)
1
0
0
1
0
x
x
x
x
x
x
EWEN (Write enable)
1
0
0
1
1
x
x
x
x
x
x
EWDS (Write disable)
1
0
0
0
0
x
x
x
x
x
x
*1. When the 16-bit data in the specified address has been output, the data in the next address is output.
Remark x = Don't care.


Similar Part No. - S-93A46BD0A-A8T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A46BD0A-A8T1U3 SII-S-93A46BD0A-A8T1U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46BD0A-A8T1U3 ABLIC-S-93A46BD0A-A8T1U3 Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
More results

Similar Description - S-93A46BD0A-A8T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46CD0H-J8T2U3 SII-S-93C46CD0H-J8T2U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
logo
PHOENIX CONTACT
2833725 PHOENIX-2833725 Datasheet
66Kb / 4P
   Mechanical coding to protect against mismatching
2833709 PHOENIX-2833709 Datasheet
63Kb / 3P
   Mechanical coding to protect against mismatching
2833686 PHOENIX-2833686 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
2833699 PHOENIX-2833699 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
logo
Seiko Instruments Inc
S-34C02B SII-S-34C02B Datasheet
1Mb / 26P
   Write protect function during low power supply voltage
S-24C02DI-J8T1U5 SII-S-24C02DI-J8T1U5 Datasheet
1Mb / 47P
   Write protect function during low power supply voltage
S-25C160A SII-S-25C160A Datasheet
1Mb / 39P
   Write protect function during the low power supply
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com