Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C46CD0H-T8T2U3 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-93C46CD0H-T8T2U3
Description  Function to protect against write due to erroneous instruction recognition
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C46CD0H-T8T2U3 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-93C46CD0H-T8T2U3 Datasheet HTML 1Page - Seiko Instruments Inc S-93C46CD0H-T8T2U3 Datasheet HTML 2Page - Seiko Instruments Inc S-93C46CD0H-T8T2U3 Datasheet HTML 3Page - Seiko Instruments Inc S-93C46CD0H-T8T2U3 Datasheet HTML 4Page - Seiko Instruments Inc S-93C46CD0H-T8T2U3 Datasheet HTML 5Page - Seiko Instruments Inc S-93C46CD0H-T8T2U3 Datasheet HTML 6Page - Seiko Instruments Inc S-93C46CD0H-T8T2U3 Datasheet HTML 7Page - Seiko Instruments Inc S-93C46CD0H-T8T2U3 Datasheet HTML 8Page - Seiko Instruments Inc S-93C46CD0H-T8T2U3 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
FOR AUTOMOTIVE 105°C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.1_00
S-93C46C/56C/66C/76C/86C H Series
5
Pin Configuration
1. 8-Pin SOP (JEDEC)
7
6
5
8
2
3
4
1
Top view
Pin No.
Symbol
Description
1
CS
Chip select input
2
SK
Serial clock input
3
DI
Serial data input
4
DO
Serial data output
5
GND
Ground
6
TEST
*1
Test
7
NC
No connection
8
VCC
Power supply
2. 8-Pin TSSOP
7
6
5
8
2
3
4
1
Top view
Pin No.
Symbol
Description
1
CS
Chip select input
2
SK
Serial clock input
3
DI
Serial data input
4
DO
Serial data output
5
GND
Ground
6
TEST
*1
Test
7
NC
No connection
8
VCC
Power supply
3. TMSOP-8
7
6
5
8
2
3
4
1
Top view
Pin No.
Symbol
Description
1
CS
Chip select input
2
SK
Serial clock input
3
DI
Serial data input
4
DO
Serial data output
5
GND
Ground
6
TEST
*1
Test
7
NC
No connection
8
VCC
Power supply
*1.
Connect to GND or the VCC pin, or set to open. Even if this pin is not connected, performance is not affected so
long as the absolute maximum rating is not exceeded.


Similar Part No. - S-93C46CD0H-T8T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46CD0H-T8T2U3 SII-S-93C46CD0H-T8T2U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results

Similar Description - S-93C46CD0H-T8T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A46BD0A-J8T2U3 SII-S-93A46BD0A-J8T2U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
logo
PHOENIX CONTACT
2833725 PHOENIX-2833725 Datasheet
66Kb / 4P
   Mechanical coding to protect against mismatching
2833709 PHOENIX-2833709 Datasheet
63Kb / 3P
   Mechanical coding to protect against mismatching
2833686 PHOENIX-2833686 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
2833699 PHOENIX-2833699 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
logo
Seiko Instruments Inc
S-34C02B SII-S-34C02B Datasheet
1Mb / 26P
   Write protect function during low power supply voltage
S-24C02DI-J8T1U5 SII-S-24C02DI-J8T1U5 Datasheet
1Mb / 47P
   Write protect function during low power supply voltage
S-25C160A SII-S-25C160A Datasheet
1Mb / 39P
   Write protect function during the low power supply
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com