Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14C88-N25 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK14C88-N25
Description  32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14C88-N25 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK14C88-N25 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14C88-N25 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14C88-N25 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14C88-N25 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14C88-N25 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-N25 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-N25 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-N25 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-N25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
December 2002
1
Document Control # ML0014 rev 0.0
PIN CONFIGURATIONS
VCAP
A14
A12
A7
A6
A5
A4
A3
NC
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCCX
HSB
A13
A8
A9
A11
G
NC
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
32 - LCC
32 - DIP
32 - SOIC
PIN NAMES
A0 - A14
Address Inputs
DQ0 -DQ7
Data In/Out
E
Chip Enable
W
Write Enable
G
Output Enable
HSB
Hardware Store Busy (I/O)
VCCX
Power (+ 5V)
VCAP
Capacitor
VSS
Ground
STK14C88
32K x 8 AutoStore™nvSRAM
QuantumTrap™ CMOS
Nonvolatile Static RAM
FEATURES
• 25ns, 35ns and 45ns Access Times
• “Hands-off” Automatic STORE with External
68
µF Capacitor on Power Down
• STORE to nonvolatile elements Initiated by
Hardware, Software or AutoStore™
• RECALL to SRAM Initiated by Software or
Power Restore
• 10mA Typical I
CC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to nonvolatile ele-
ments (Commercial/Industrial)
• 100-Year Data Retention in nonvolatile ele-
ments (Commercial/Industrial)
• Single 5V + 10% Operation
• Commercial, Industrial and Military Tempera-
tures
• 32-Pin SOIC, DIP and LCC Packages
DESCRIPTION
The Simtek STK14C88 is a fast static RAM with a
nonvolatile element incorporated in each static
memory cell. The SRAM can be read and written an
unlimited number of times, while independent, non-
volatile data resides in the nonvolatile elements.
Data transfers from the SRAM to the nonvolatile ele-
ments (the STORE operation) can take place auto-
matically on power down. A 68
µF or larger capacitor
tied from V
CAP to ground guarantees the STORE
operation, regardless of power-down slew rate or
loss of power from “hot swapping”. Transfers from
the nonvolatile elements to the SRAM (the RECALL
operation) take place automatically on restoration of
power. Initiation of STORE and RECALL cycles can
also be software controlled by entering specific read
sequences. A hardware STORE may be initiated with
the HSB pin.
BLOCK DIAGRAM
A0 A1 A2 A3 A4 A10
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
512 x 512
Quantum Trap
512 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
POWER
CONTROL
A5
A6
A7
A8
A9
A11
A12
A13
A14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
SOFTWARE
DETECT
G
E
W
HSB
VCCX
VCAP
A0 - A13


Similar Part No. - STK14C88-N25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-NF25 SIMTEK-STK14C88-NF25 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF25 SIMTEK-STK14C88-NF25 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-NF25 CYPRESS-STK14C88-NF25 Datasheet
932Kb / 20P
   32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
logo
Simtek Corporation
STK14C88-NF25I SIMTEK-STK14C88-NF25I Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF25I SIMTEK-STK14C88-NF25I Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK14C88-N25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com