Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-57K1RBL1A-M3T2U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-57K1RBL1A-M3T2U
Description  HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-57K1RBL1A-M3T2U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-57K1RBL1A-M3T2U Datasheet HTML 7Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 8Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 9Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 10Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 11Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 12Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 13Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 14Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 15Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Rev.1.5_01
S-57K1 A Series
11
Precautions
• If the impedance of the power supply is high, the IC may malfunction due to a supply voltage drop caused by feed-
through current. Take care with the pattern wiring to ensure that the impedance of the power supply is low.
• Note that the IC may malfunction if the power supply voltage rapidly changes. When the IC is used under the
environment where the power supply voltage rapidly changes, it is recommended to judge the output voltage of the IC
by reading it multiple times.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• Although this IC has a built-in output current limit circuit, it may suffer physical damage such as product deterioration
under the environment where the absolute maximum ratings are exceeded.
• Although this IC has a built-in reverse voltage protection circuit, it may suffer physical damage such as product
deterioration under the environment where the absolute maximum ratings are exceeded.
• The application conditions for the power supply voltage, the pull-up voltage, and the pull-up resistor should not exceed
the package power dissipation.
• Large stress on this IC may affect on the magnetic characteristics. Avoid large stress which is caused by bend and
distortion during mounting the IC on a board or handle after mounting.
• SII Semiconductor Corporation claims no responsibility for any disputes arising out of or in connection with any
infringement by products including this IC of patents owned by a third party.


Similar Part No. - S-57K1RBL1A-M3T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57K1RBL1A-M3T2U SII-S-57K1RBL1A-M3T2U Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
More results

Similar Description - S-57K1RBL1A-M3T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S5725 SII-S5725 Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1 SII-S-57M1 Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S5724 SII-S5724 Datasheet
1Mb / 29P
   LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
   High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com