Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24C08DI-A8T1U5 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-24C08DI-A8T1U5
Description  Write protect function during low power supply voltage
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C08DI-A8T1U5 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-24C08DI-A8T1U5 Datasheet HTML 1Page - Seiko Instruments Inc S-24C08DI-A8T1U5 Datasheet HTML 2Page - Seiko Instruments Inc S-24C08DI-A8T1U5 Datasheet HTML 3Page - Seiko Instruments Inc S-24C08DI-A8T1U5 Datasheet HTML 4Page - Seiko Instruments Inc S-24C08DI-A8T1U5 Datasheet HTML 5Page - Seiko Instruments Inc S-24C08DI-A8T1U5 Datasheet HTML 6Page - Seiko Instruments Inc S-24C08DI-A8T1U5 Datasheet HTML 7Page - Seiko Instruments Inc S-24C08DI-A8T1U5 Datasheet HTML 8Page - Seiko Instruments Inc S-24C08DI-A8T1U5 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
2-WIRE SERIAL E2PROM
Rev.3.0_01_U
S-24C02D/04D/08D/16D
5
Pin Configurations
1. 8-Pin SOP (JEDEC), 8-Pin TSSOP, TMSOP-8, DFN-8(2030), SNT-8A
7
6
5
8
2
3
4
1
Top view
Pin No.
Symbol
Description
S-24C02D S-24C04D S-24C08D S-24C16D
1
A0
NC*2
NC*2
NC*2
Slave address input
2
A1
A1
NC*2
NC*2
Slave address input
3
A2
A2
A2
NC*2
Slave address input
4
GND
GND
GND
GND
Ground
5
SDA*1
SDA*1
SDA*1
SDA*1
Serial data I/O
6
SCL*1
SCL*1
SCL*1
SCL*1
Serial clock input
7
WP
WP
WP
WP
Write protect input
Connected to VCC:
Protection valid
Open or connected to GND:
Protection invalid
8
VCC
VCC
VCC
VCC
Power supply
2. SOT-23-5
13
2
4
5
Top view
Pin No.
Symbol
Description
1
SCL*1
Serial clock input
2
GND
Ground
3
SDA*1
Serial data I/O
4
VCC
Power supply
5
WP
Write protect input
Connected to VCC:
Protection valid
Open or connected to GND:
Protection invalid
*1.
Do not use it in "High-Z".
*2.
The NC is no connection.
Remark
For DFN-8(2030) package, connect the heatsink of back side to the board, and set electric potential open or GND.
However, do not use it as the function of electrode.


Similar Part No. - S-24C08DI-A8T1U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C08DI-A8T1U5 SII-S-24C08DI-A8T1U5 Datasheet
1Mb / 47P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C08DI-A8T1U5 ABLIC-S-24C08DI-A8T1U5 Datasheet
746Kb / 47P
   2-WIRE SERIAL E2PROM
Rev.3.0_02_U
More results

Similar Description - S-24C08DI-A8T1U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-34C02B SII-S-34C02B Datasheet
1Mb / 26P
   Write protect function during low power supply voltage
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
   Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com