Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7.2CAV6 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 7.2CAV6
Description  PT Medium voltage fuses for potential and small power transformers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2CAV6 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  7.2CAV6 Datasheet HTML 1Page - Cooper Bussmann, Inc. 7.2CAV6 Datasheet HTML 2Page - Cooper Bussmann, Inc. 7.2CAV6 Datasheet HTML 3Page - Cooper Bussmann, Inc. 7.2CAV6 Datasheet HTML 4Page - Cooper Bussmann, Inc. 7.2CAV6 Datasheet HTML 5Page - Cooper Bussmann, Inc. 7.2CAV6 Datasheet HTML 6Page - Cooper Bussmann, Inc. 7.2CAV6 Datasheet HTML 7Page - Cooper Bussmann, Inc. 7.2CAV6 Datasheet HTML 8Page - Cooper Bussmann, Inc. 7.2CAV6 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Technical Data 6002
Effective March 2016
Supersedes December 2015
BUSSMANN
SERIES
Description:
Bussmann® series Indicating and non-
indicating E-Rated, current-limiting, medium
voltage fuses for potential, small power and
control transformers.
Contents
Description
Page
Introduction ............................. 2
2.475kV fuses .......................... 3-6
3.6kV fuses ............................ 7-9
5.5kV fuses .......................... 10-26
7.2kV fuses .......................... 27-29
8.3kV fuses .......................... 30-39
12kV fuses .......................... 40-42
15.5kV fuses ......................... 43-52
17.5kV fuses ......................... 53-54
24kV fuses .......................... 55-56
25.5kV fuses ......................... 57-60
36kV fuses .......................... 61-62
38kV fuses .......................... 63-69
Fuse mountings ...................... 70-71
Features and benefits
Low amp, current-limiting E-Rated PT
medium voltage fuses are general purpose
fuses defined by their melting time-current
characteristic that permit their electrical
interchangeability with other fuses of the
same E Rating.
E-Rated general purpose fuses must have
a current responsive element that will melt
in 300 seconds at an RMS current within
the range of 200% to 240% of the fuse’s
nameplate current rating, fuse refill, or link
per ANSI C37.46 for fuses rated 100E or less.
PT fuses are physically dimensioned for easy
installation in existing hardware.
Space saving size eases design
considerations for new installations.
Current-limiting fuses provide positive
interruption even on low fault currents.
The fuse limits the magnitude of
electromechanical stresses in the protected
apparatus.
These fuses are in a self-contained, non-
venting package for installation indoors or
outdoors in an enclosure.
Available in indicating and non-indicating
versions.
Open fuse indicator speeds troubleshooting
by providing a positive visual indication of
fuse operation.
Typical applications:
Primary protection of:
Medium voltage potential transformers
Small medium voltage service
transformers
Small medium voltage control
transformers.
PT Medium voltage fuses for potential and
small power transformers


Similar Description - 7.2CAV6

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PT EATON-PT_18 Datasheet
10Mb / 68P
   PT Medium voltage fuses for potential and small power transformers
logo
Cooper Bussmann, Inc.
JCI-3E COOPER-JCI-3E Datasheet
100Kb / 2P
   E-Rated Medium Voltage Fuses for Potential Small Power Trans.
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com