Electronic Components Datasheet Search |
|
7.2ABCNA3.15 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc. |
|
7.2ABCNA3.15 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc. |
1 / 72 page Technical Data 6002 Effective March 2016 Supersedes December 2015 BUSSMANN SERIES Description: • Bussmann® series Indicating and non- indicating E-Rated, current-limiting, medium voltage fuses for potential, small power and control transformers. Contents Description Page Introduction ............................. 2 2.475kV fuses .......................... 3-6 3.6kV fuses ............................ 7-9 5.5kV fuses .......................... 10-26 7.2kV fuses .......................... 27-29 8.3kV fuses .......................... 30-39 12kV fuses .......................... 40-42 15.5kV fuses ......................... 43-52 17.5kV fuses ......................... 53-54 24kV fuses .......................... 55-56 25.5kV fuses ......................... 57-60 36kV fuses .......................... 61-62 38kV fuses .......................... 63-69 Fuse mountings ...................... 70-71 Features and benefits • Low amp, current-limiting E-Rated PT medium voltage fuses are general purpose fuses defined by their melting time-current characteristic that permit their electrical interchangeability with other fuses of the same E Rating. • E-Rated general purpose fuses must have a current responsive element that will melt in 300 seconds at an RMS current within the range of 200% to 240% of the fuse’s nameplate current rating, fuse refill, or link per ANSI C37.46 for fuses rated 100E or less. • PT fuses are physically dimensioned for easy installation in existing hardware. • Space saving size eases design considerations for new installations. • Current-limiting fuses provide positive interruption even on low fault currents. The fuse limits the magnitude of electromechanical stresses in the protected apparatus. • These fuses are in a self-contained, non- venting package for installation indoors or outdoors in an enclosure. • Available in indicating and non-indicating versions. • Open fuse indicator speeds troubleshooting by providing a positive visual indication of fuse operation. Typical applications: • Primary protection of: • Medium voltage potential transformers • Small medium voltage service transformers • Small medium voltage control transformers. PT Medium voltage fuses for potential and small power transformers |
Similar Description - 7.2ABCNA3.15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |