Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24C08C Datasheet(PDF) 22 Page - Seiko Instruments Inc

Part # S-24C08C
Description  Write protect function during the low power supply voltage
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C08C Datasheet(HTML) 22 Page - Seiko Instruments Inc

Back Button S-24C08C Datasheet HTML 18Page - Seiko Instruments Inc S-24C08C Datasheet HTML 19Page - Seiko Instruments Inc S-24C08C Datasheet HTML 20Page - Seiko Instruments Inc S-24C08C Datasheet HTML 21Page - Seiko Instruments Inc S-24C08C Datasheet HTML 22Page - Seiko Instruments Inc S-24C08C Datasheet HTML 23Page - Seiko Instruments Inc S-24C08C Datasheet HTML 24Page - Seiko Instruments Inc S-24C08C Datasheet HTML 25Page - Seiko Instruments Inc S-24C08C Datasheet HTML 26Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
2-WIRE SERIAL E2PROM
S-24C08C (WLP PRODUCT)
Rev.1.0_00_H
22
3. Phase adjustment during S-24C08C access
The S-24C08C does not have a pin to reset (the internal circuit). The users cannot forcibly reset it externally. If the
communication to the S-24C08C interrupted, the users need to handle it as you do for software.
In the S-24C08C, users are able to reset the internal circuit by inputting a start condition and a stop condition.
Although the reset signal is input to the master device, the S-24C08C’s internal circuit does not go in reset, but it does
by inputting a stop condition to the S-24C08C. The S-24C08C keeps the same status thus cannot do the next
operation. Especially, this case corresponds to that only the master device is reset when the power supply voltage
drops.
If the power supply voltage restored in this status, input the instruction after resetting (adjusting the phase with the
master device) the S-24C08C. How to reset is shown below.
[How to reset S-24C08C]
The S-24C08C is able to be reset by a start and stop instructions. When the S-24C08C is reading data “0” or is
outputting the acknowledgment signal, outputs “0” to the SDA line. In this status, the master device cannot output
an instruction to the SDA line. In this case, terminate the acknowledgment output operation or the Read operation,
and then input a start instruction. Figure 23 shows this procedure.
First, input a start condition. Then transmit 9 clocks (dummy clock) of SCL. During this time, the master device sets
the SDA line to “H”. By this operation, the S-24C08C interrupts the acknowledgment output operation or data
output, so input a start condition
*1. When a start condition is input, the S-24C08C is reset. To make doubly sure,
input the stop condition to the S-24C08C. The normal operation is then possible.
1
2
8
9
SCL
SDA
Start
Condition
Stop
Condition
Start
Condition
Dummy Clock
Figure 23 Resetting S-24C08C
*1. After 9 clocks (dummy clock), if the SCL clock continues to being output without inputting a start condition,
S-24C08C may go in the write operation when it receives a stop condition. To prevent this, input a start
condition after 9 clocks (dummy clock).
Remark Regarding this reset procedure with dummy clock, it is recommended to perform at the system
initialization after applying the power supply voltage.


Similar Part No. - S-24C08C

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-24C08C ABLIC-S-24C08C Datasheet
449Kb / 33P
   2-WIRE SERIAL E2PROM
Rev.1.0_01_H
S-24C08CH ABLIC-S-24C08CH Datasheet
528Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
More results

Similar Description - S-24C08C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
   Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24CM01C SII-S-24CM01C Datasheet
1Mb / 32P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com