Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEB-KW-RLC-J Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # HEB-KW-RLC-J
Description  HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HEB-KW-RLC-J Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  HEB-KW-RLC-J Datasheet HTML 1Page - Cooper Bussmann, Inc. HEB-KW-RLC-J Datasheet HTML 2Page - Cooper Bussmann, Inc. HEB-KW-RLC-J Datasheet HTML 3Page - Cooper Bussmann, Inc. HEB-KW-RLC-J Datasheet HTML 4Page - Cooper Bussmann, Inc. HEB-KW-RLC-J Datasheet HTML 5Page - Cooper Bussmann, Inc. HEB-KW-RLC-J Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data 2127
Effective December 2015
Bussmann series HEB breakaway and non-breakaway
in-line fuse holders for UL 13/32” x 1-1/2” supplemental fuses
Eaton.com/bussmannseries
Non-Breakaway terminal data
Terminal type
Conductor data
Cu crimp
#8-16
#10-16
1
2
A
#6
#10
1
2
B
#4
#8
1
2
C††
#2
#6
1
2
D††
#18-20
1
Z
Cu setscrew
#3-12
1
J
Cu dual
setscrew
#2-12
2
K
Cu solid
W
† Not dual wire rated. One wire per opening.
†† Fuse holder assemblies using this terminal are not RoHS compliant.
Terminal type
Conductor data
Al crimp
#8
#6
1
1
N
#6
#4
1
1
P
#3-4
#2
1
1
Q
#1-2
1
R
#1/0
1
T
Al setscrew
#2-12
1
L
Al dual
setscrew
#2-12
2
Y
Non-breakaway catalog number system
HEB - A A
Agency
Information
Loadside terminal
Lineside terminal
Reference
length
A
Breakaway
equivalent
UL
CSA
Terminal type
Wire
range*
Terminal type
Wire
range*
HEB
L
L
Al
setscrew
#2-12
Al
setscrew
#2-12
5 (127)
HEB-LW-RLA
N
N
Al crimp
6 sol;
8 str
Al crimp
#6 sol;
#8 str
5.4 (137)
P
P
X
Al crimp
4 sol;
6 str
Al crimp
#4 sol;
#6 str
5.4 (137)
Q
Q
X
Al crimp
#2 sol;
#3-4 str
Al crimp
#2 sol;
#3-4 str
5.4 (137)
R
R
X
Al crimp
#1-2 str
Al crimp
#1-2 str
5.4 (137)
T
T
X
Al crimp
1/0 str
Al crimp
1/0 str
5.4 (137)
W
W
Cu solid
Cu solid
4.4 (112)
* Solid/stranded conductors unless otherwise noted.


Similar Part No. - HEB-KW-RLC-J

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HEB-KW-RLC-J EATON-HEB-KW-RLC-J Datasheet
996Kb / 6P
   HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
More results

Similar Description - HEB-KW-RLC-J

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HEB EATON-HEB Datasheet
996Kb / 6P
   HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
logo
List of Unclassifed Man...
2A0660 ETC1-2A0660 Datasheet
1Mb / 6P
   HEB breakaway and non-breakaway in-line fuse holders
logo
Cooper Bussmann, Inc.
HEZ-AA COOPER-HEZ-AA Datasheet
600Kb / 4P
   HEZ breakaway and non-breakaway in-line rejection fuse holders for UL Class CC fuses
logo
List of Unclassifed Man...
HEZ-AA ETC1-HEZ-AA Datasheet
600Kb / 4P
   HEZ breakaway and non-breakaway in-line rejection fuse holders
logo
Cooper Bussmann, Inc.
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
   13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
FNM-25 COOPER-FNM-25 Datasheet
378Kb / 3P
   13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNQ-2 COOPER-FNQ-2 Datasheet
373Kb / 2P
   13/32 x 1-1/2 500Vac Time-delay supplemental fuses
FNM-3 COOPER-FNM-3 Datasheet
378Kb / 3P
   13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNQ-8-10 COOPER-FNQ-8-10 Datasheet
373Kb / 2P
   13/32 x 1-1/2 500Vac Time-delay supplemental fuses
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
   13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com