Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16303-1 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # 16303-1
Description  Splicer blocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

16303-1 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  16303-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. 16303-1 Datasheet HTML 2Page - Cooper Bussmann, Inc. 16303-1 Datasheet HTML 3Page - Cooper Bussmann, Inc. 16303-1 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data 10534
Effective June 2016
Splicer blocks
Eaton.com/bussmannseries
Dimensions — in
160_ blocks
Catalog
number
prefix
A
B
C1
C2
C3
D
E
F
G
H
J
K
L
162_
2.88
2.25
1.07
1.88
2.70
1.75
0.82
0.54
0.32
0.84
0.31
0.20
0.41
163_
4.0
3.38
1.98
3.60
5.21
3.32
1.62
0.99
0.31
0.88
0.35
Slot 0.20” wide x 0.41” long Slot 0.42” wide x 0.62” long
165_
5.5
4.75
3.11
5.76
8.48
2.94
2.69
1.55
0.36
1.19
0.44
Slot 0.20” wide x 0.33” long Slot 0.41” wide x 0.53” long
2.12"
0.69"
0.50"
4.12" (2-Pole)
5.37" (3-Pole)
6.62" (4-Pole)
3.62" (2-Pole)
4.87" (3-Pole)
6.12" (4-Pole)
1.38"
1.00"
0.38"
2.00"
0.27" Dia. (2 holes)
Slot 0.22" x 0.38" (4 places)
0.25"
2.75"
Lineside
Loadside
162_, 163_ and 165_ blocks
FE
E
C
A B
G
L C'Bore
K Dia.
Loadside
Lineside
D
JH
Dual wire port application
Rated for dual wire port application to increase the possible
number of lineside and loadside connections. E.g., 16303-1 can
accept two wires into the lineside port (1/0 - #6 Cu/Al) and two
wires per port (2 connections per pole total) on the loadside lug
(1/0 - #6 Cu/Al).
Dual wire applications are only viable when using two wires of
the same size, stranding, and insulating and conductor material in
the same port.
Ferrule terminal application
Bussmann series splicer blocks are rated for use with UL Listed
ferrules (see catalog number table for details). Ferrule ratings
apply to copper wire only.
Ferrule applications allow for the use of a broader range of
conductor stranding and simulate a more efficient, solid wire
connection with the PDB terminal port.
Always use UL Listed ferrules in accordance with the
manufacturer’s specifications and instructions.


Similar Part No. - 16303-1

ManufacturerPart #DatasheetDescription
logo
Heyco.
16303 HEYCO-16303 Datasheet
150Kb / 2P
   Hook and Loop – Ties
More results

Similar Description - 16303-1

ManufacturerPart #DatasheetDescription
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Littelfuse
LFD25703Z LITTELFUSE-LFD25703Z Datasheet
1Mb / 8P
   Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
LD1400-1 LITTELFUSE-LD1400-1 Datasheet
609Kb / 7P
   POWR-BLOKS Distribution/Splicer Blocks and Covers
logo
PANDUIT CORP.
D-602-0140 PANDUIT-D-602-0140 Datasheet
153Kb / 1P
   CRIMP SPLICER, STUB
D-609-03 PANDUIT-D-609-03 Datasheet
90Kb / 1P
   CRIMP SPLICER, STUB
logo
Hubbell Incorporated.
BISR350FX HUBBELL-BISR350FX Datasheet
263Kb / 2P
   IN-LINE SPLICER/REDUCER.
logo
Bel Fuse Inc.
SS-82120-002 BEL-SS-82120-002 Datasheet
972Kb / 1P
   Category 6a Cable Splicer
logo
PANDUIT CORP.
D-609-12 PANDUIT-D-609-12 Datasheet
93Kb / 1P
   CRIMP SPLICER, STUB, NICKEL PLATED
logo
Marathon Special Produc...
135X702 MARATHON-135X702 Datasheet
216Kb / 4P
   POWER DISTRIBUTION BLOCK Splicer Type 135X702
REV-E 11/25/19
logo
PANDUIT CORP.
D-609-09 PANDUIT-D-609-09 Datasheet
93Kb / 1P
   COLOR CODED CRIMP SPLICER, IN-LINE, NICKEL PLATED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com