Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

455U-D-L Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 455U-D-L
Description  455U-D Wireless Serial Modem
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

455U-D-L Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  455U-D-L Datasheet HTML 1Page - Cooper Bussmann, Inc. 455U-D-L Datasheet HTML 2Page - Cooper Bussmann, Inc. 455U-D-L Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
455U-D Wireless Serial Modem
Multiple-mode, RS-232/RS-485 serial data networking
Description
ELPRO multiple-mode wireless serial modems allow transparent
communications between RS-232 and/or RS-485 serial host devices.
The modem routes messages in either a broadcast mode (simulta-
neous transmission of same message) or a controlled mode—for
example, specific unit addressing.
The 455U-D is a full-functionality RS-232/RS-485 modem, supporting
addressed/broadcast modes and optimal path routing for Modbus®
RTU, DF1 and DNP-3.
Features
Licensed/license-free radio channels, suitable for most countries
(60, 150, 220, 360–512 MHz, up to 5W RF power option
availability)
Wireless data rates up to 19.2 kbps
Separate RS-232 and RS-485 ports
Diagnostics and configuration via independent RS-232 port
Remote configuration via wireless channel
128-bit AES security encryption
Configurable, high-redundancy design well suited for
repeater networking
Wireless diagnostics via network management system
Protocol-optimized modes for greater efficiency
Applications
PLC networks
Data logger communications
Agriculture sprayer control
Water/wastewater systems
SCADA networks
Oil and gas station monitoring
Weather station reporting
Factory vehicle tracking
Irrigation control
Technical Data TD032006EN
Effective January 2016


Similar Part No. - 455U-D-L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
logo
Laird Tech Smart Techno...
455-00058B LSTD-455-00058B Datasheet
294Kb / 2P
   Bluetooth v5 Long Range IP67 Multi Sensor
455-00083 LSTD-455-00083 Datasheet
294Kb / 2P
   Bluetooth v5 Long Range IP67 Multi Sensor
logo
List of Unclassifed Man...
455-1620 ETC1-455-1620 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
455-200 ETC2-455-200 Datasheet
37Kb / 1P
   T-1(3mm) T-1 3/4(5mm) MOLDED LED MOUNT
More results

Similar Description - 455U-D-L

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
915U-D COOPER-915U-D Datasheet
98Kb / 3P
   915U-D Wireless Serial Modem
805U-D COOPER-805U-D Datasheet
89Kb / 3P
   805U-D Wireless Serial Modem
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2_13 Datasheet
651Kb / 6P
   19200 baud serial wireless modem
logo
Murata Manufacturing Co...
ZN-241G MURATA-ZN-241G Datasheet
177Kb / 3P
   General Purpose Wireless Serial Modem
logo
List of Unclassifed Man...
TRW-ZIGI ETC2-TRW-ZIGI Datasheet
1Mb / 7P
   Wireless Redio Modem
logo
PHOENIX CONTACT
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
logo
CML Microcircuits
CMX7143 CMLMICRO-CMX7143 Datasheet
168Kb / 5P
   Multi-Mode Wireless Data Modem
logo
Radiometrix Ltd
CPX2 RADIOMETRIX-CPX2 Datasheet
108Kb / 7P
   2700 baud wireless packet modem
logo
CML Microcircuits
FX949 CMLMICRO-FX949 Datasheet
624Kb / 25P
   CDPD Wireless Modem Data Pump
logo
PHOENIX CONTACT
104460 PHOENIX-104460 Datasheet
285Kb / 9P
   PSI-MODEM-SHDSL/SERIAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com