Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C08G8 Datasheet(PDF) 9 Page - Cooper Bussmann, Inc.

Part # C08G8
Description  Cylindrical fuse links
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C08G8 Datasheet(HTML) 9 Page - Cooper Bussmann, Inc.

Back Button C08G8 Datasheet HTML 5Page - Cooper Bussmann, Inc. C08G8 Datasheet HTML 6Page - Cooper Bussmann, Inc. C08G8 Datasheet HTML 7Page - Cooper Bussmann, Inc. C08G8 Datasheet HTML 8Page - Cooper Bussmann, Inc. C08G8 Datasheet HTML 9Page - Cooper Bussmann, Inc. C08G8 Datasheet HTML 10Page - Cooper Bussmann, Inc. C08G8 Datasheet HTML 11Page - Cooper Bussmann, Inc. C08G8 Datasheet HTML 12Page - Cooper Bussmann, Inc. C08G8 Datasheet HTML 13Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Technical Data 720115
Effective February 2015
Bussmann series
Cylindrical fuse links
EATON www.eaton.com
Table 5. Catalogue Numbers aM 22 x 58 mm
Size
(mm)
Class
Current
(A)
Voltage
(V a.c.)
Breaking
Capacity
(kA)
Catalogue
Numbers
Pack
Quantity
Fuse
Holders*
22 x 58 mm Without indicator
22 x 58
aM
2
690
80
C22M2
10
CH22
22 x 58
aM
4
690
80
C22M4
10
CH22
22 x 58
aM
6
690
80
C22M6
10
CH22
22 x 58
aM
8
690
80
C22M8
10
CH22
22 x 58
aM
10
690
80
C22M10
10
CH22
22 x 58
aM
12
690
80
C22M12
10
CH22
22 x 58
aM
16
690
80
C22M16
10
CH22
22 x 58
aM
20
690
80
C22M20
10
CH22
22 x 58
aM
25
690
80
C22M25
10
CH22
22 x 58
aM
32
690
80
C22M32
10
CH22
22 x 58
aM
40
690
80
C22M40
10
CH22
22 x 58
aM
50
690
80
C22M50
10
CH22
22 x 58
aM
63
690
80
C22M63
10
CH22
22 x 58
aM
80
500
120
C22M80
10
CH22
22 x 58
aM
100
500
120
C22M100
10
CH22
22 x 58
aM
125
400
120
C22M125
10
CH22
22 x 58 mm With indicator
22 x 58 aM
2
690
80
C22M2I
10
CH22
22 x 58 aM
4
690
80
C22M4I
10
CH22
22 x 58 aM
6
690
80
C22M6I
10
CH22
22 x 58 aM
8
690
80
C22M8I
10
CH22
22 x 58 aM
10
690
80
C22M10I
10
CH22
22 x 58 aM
12
690
80
C22M12I
10
CH22
22 x 58 aM
16
690
80
C22M16I
10
CH22
22 x 58 aM
20
690
80
C22M20I
10
CH22
22 x 58 aM
25
690
80
C22M25I
10
CH22
22 x 58 aM
32
690
80
C22M32I
10
CH22
22 x 58 aM
40
690
80
C22M40I
10
CH22
22 x 58 aM
50
690
80
C22M50I
10
CH22
22 x 58 aM
63
690
80
C22M63I
10
CH22
22 x 58 aM
80
500
120
C22M80I
10
CH22
22 x 58 aM
100
500
120
C22M100I
10
CH22
22 x 58 aM
125
400
120
C22M125I
10
CH22
22 x 58 mm With striker
22 x 58
aM
12
690
80
C22M12S
10
CH22
22 x 58
aM
16
690
80
C22M16S
10
CH22
22 x 58
aM
20
690
80
C22M20S
10
CH22
22 x 58
aM
25
690
80
C22M25S
10
CH22
22 x 58
aM
32
690
80
C22M32S
10
CH22
22 x 58
aM
40
690
80
C22M40S
10
CH22
22 x 58
aM
50
690
80
C22M50S
10
CH22
22 x 58
aM
63
690
80
C22M63S
10
CH22
22 x 58
aM
80
500
120
C22M80S
10
CH22
22 x 58
aM
100
500
120
C22M100S 10
CH22
22 x 58
aM
125
400
120
C22M125S
10
CH22
* Please contact our Technical department for further information on
our range of modular fuse holders: 00 44 1509 882 699 or
buletechnical@eaton.com


Similar Part No. - C08G8

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
C08G8 COOPER-C08G8 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
C08G8I COOPER-C08G8I Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - C08G8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
   BS88 Joint Service Fuse Links
logo
List of Unclassifed Man...
GH710 ETC1-GH710 Datasheet
70Kb / 3P
   GH Industrial HRC Fuse Links
logo
Cooper Bussmann, Inc.
SSD2 COOPER-SSD2_15 Datasheet
77Kb / 3P
   Standard fuse links size E1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com