Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHDS60 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # AHDS60
Description  NEMA 4X 30A and 60A motor control disconnects
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

AHDS60 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  AHDS60 Datasheet HTML 1Page - Cooper Bussmann, Inc. AHDS60 Datasheet HTML 2Page - Cooper Bussmann, Inc. AHDS60 Datasheet HTML 3Page - Cooper Bussmann, Inc. AHDS60 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 10416
Effective Decemberr 2015
Superseded September 2015
BUSSMANN
SERIES
NEMA 4X 30A and 60A motor control disconnects
Catalog symbols:
AHDS30_-BUSS
AHDS60_-BUSS
Description:
The Bussmann® series non-fused 30 and
60 amp disconnect switches are suitable
for use as a motor disconnect per NEC®
430.102(B) and 430.109(A)(6). These NEMA
4X switches are made from VALOX™ resin,
and are a flexible and economical solution to
3-phase power switching applications. Ideal
for washdowns and corrosive environments,
they feature a lockout/tagout capability to
meet OSHA requirements. Suitable for use
with metallic conduit, they are available with
auxiliary contacts for a variety of control circuit
applications.
Specifications:
Ratings
Volts
600Vac max
Amps
30A and 60A
Short-Circuit Current Rating (SCCR)*:
10kA RMS symmetrical with Class RK1
fuse
65kA RMS symmetrical with Class J
fuse**
Agency information
cULus to UL® 60947-1 and 60947-14,
File E135083
National Sanitation Foundation (NSF®) Listed
per NSF 3-A 14159-1 standard
NOM 426
RoHS compliant
Features:
VALOX thermoplastic enclosure provides
high impact strength and excellent corrosion
resistance
Adjustable mounting feet for flexible
positioning options: flush mount or 1/4”
offset (for easy washdown behind the
enclosure)
High-visibility red handle can be padlocked
to meet OSHA lockout/ tagout requirements
One piece gasket provides superior
watertight protection and easy cleaning
Integrated grounding plate and DIN-Rail
switch mounting allows automatic grounding
for easier installation
Optional auxiliary contacts provide flexibility
for PLC and VFD applications
Heavy-duty industrial switches designed for
long life
* Break all lines.
** Not applicable for 1Ø 120 and 277Vac applications.


Similar Part No. - AHDS60

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AHD10-6-12P-L AMPHENOL-AHD10-6-12P-L Datasheet
65Kb / 1P
   RECEPTACLE, 6N POS, FLANGE
logo
Cornell Dubilier Electr...
AHD104M10B12T CDE-AHD104M10B12T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AHD104M16B12T CDE-AHD104M16B12T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AHD104M25B12T CDE-AHD104M25B12T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AHD104M2AB12T CDE-AHD104M2AB12T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
More results

Similar Description - AHDS60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
PN-1338 ETC2-PN-1338 Datasheet
120Kb / 1P
   NEMA 4X ENCSURE
PN-1331 ETC2-PN-1331 Datasheet
92Kb / 1P
   NEMA 4X ENCLSURE
PN-1336 ETC2-PN-1336 Datasheet
120Kb / 1P
   NEMA 4X ENCLSURE
PN-1323 ETC2-PN-1323 Datasheet
105Kb / 1P
   NEMA 4X ENCLOSURE
PN-1321 ETC2-PN-1321 Datasheet
108Kb / 1P
   NEMA 4X ENCLOSURE
logo
BELIMO AIRCONTROLS (USA...
GMX24-MFTN4 BELIMO-GMX24-MFTN4 Datasheet
986Kb / 3P
   NEMA 4X, Modulating Control, Non-Spring Return, Direct Coupled,
logo
List of Unclassifed Man...
AN-1317 ETC2-AN-1317 Datasheet
89Kb / 1P
   NEMA 4X ENCLOSURE
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
   Fused and non-fused HVAC disconnects
BA860 ETC1-BA860 Datasheet
375Kb / 3P
   Motor speed and phase control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com