Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C308F160mA Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # C308F160mA
Description  Ferrule and axial lead 3 x 8.4 mm fast-acting, ceramic tube fuses for barrier applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C308F160mA Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  C308F160mA Datasheet HTML 1Page - Cooper Bussmann, Inc. C308F160mA Datasheet HTML 2Page - Cooper Bussmann, Inc. C308F160mA Datasheet HTML 3Page - Cooper Bussmann, Inc. C308F160mA Datasheet HTML 4Page - Cooper Bussmann, Inc. C308F160mA Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data 4405
Effective October 2015
Supersedes January 2015
Product description
A compact 3x8.4mm size provides a spacesav-
ing alternative to conventional fuse solutions with
high interrupting rating for primary and secondary
circuit protection up to 250 volts AC or DC and
250mA. Ceramic tube construction.
Meets Standards (EN60079-11) for hazardous
applications
3x8.4mm physical size
Fast-acting, high breaking capacity of 4000
amps
Ceramic tube, silver-plated brass endcap con-
struction
Optional axial leads (tinned copper axial leads
construction)
RoHS compliant
Agency information
cURus Recognition file number: E19180, Guide
JDYX2/JDYX8
Applications
Hazardous environments
Oil drilling and refineries
Intrinsically safe barriers
Packaging
Specify part number and packaging suffix.
Package suffixes:
Ferrule
-TR (500 fuses on tape and reel)
-TR1 (1000 fuses on tape and reel)
Axial leaded
TR1 (axial leaded version, 1500 fuses on tape
and reel)
Ordering
Specify part number and packaging suffix
(e.g., C308F-V-160mA-TR1)
C308F
Ferrule and axial lead 3 x 8.4 mm fast-acting, ceramic
tube fuses for barrier applications


Similar Part No. - C308F160mA

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
C308F160mA EATON-C308F160mA Datasheet
767Kb / 5P
   3 mm x 8.4 mm fast-acting, ceramic tube fuses for hazardous applications
More results

Similar Description - C308F160mA

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
C308F EATON-C308F Datasheet
767Kb / 5P
   3 mm x 8.4 mm fast-acting, ceramic tube fuses for hazardous applications
C310FH EATON-C310FH Datasheet
371Kb / 5P
   3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
C310FC EATON-C310FC Datasheet
748Kb / 2P
   3.6 mm x 10 mm Fast-acting, axial-leaded ceramic tube fuses
S501 EATON-S501 Datasheet
860Kb / 2P
   5 mm x 20 mm Fast-acting ceramic tube fuses
GDA EATON-GDA Datasheet
321Kb / 2P
   5 mm x 20 mm Fast-acting ceramic tube fuses
MDH-R EATON-MDH-R Datasheet
491Kb / 4P
   6.3 mm x 32 mm Ferrule and axial lead, high breaking capacity, high I2t ceramic tube fuses
logo
Cooper Bussmann, Inc.
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
   Fast-Acting Ferrule Fuses
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
   5 x 20mm, Fast-Acting, Ceramic Tube Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com