Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM25060-2CR Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # HM25060-2CR
Description  Class H(K), J and R modular ferrule fuse blocks
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HM25060-2CR Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  HM25060-2CR Datasheet HTML 1Page - Cooper Bussmann, Inc. HM25060-2CR Datasheet HTML 2Page - Cooper Bussmann, Inc. HM25060-2CR Datasheet HTML 3Page - Cooper Bussmann, Inc. HM25060-2CR Datasheet HTML 4Page - Cooper Bussmann, Inc. HM25060-2CR Datasheet HTML 5Page - Cooper Bussmann, Inc. HM25060-2CR Datasheet HTML 6Page - Cooper Bussmann, Inc. HM25060-2CR Datasheet HTML 7Page - Cooper Bussmann, Inc. HM25060-2CR Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Technical Data 10289
Effective December 2015
Class H(K), J and R ferrule fuse blocks
Eaton.com/bussmannseries
Class H(K) and R 600V - 30A block
88 3.5
90 3.5
59
2.3
60
2.4
29
1.2
30
1.2
31
1.2
58
2.3
183
7.2
With cover.
See tables 3 and 5 for available covers.
159
6.25
80
3.13
16
.61
Ø7
.28
4 .16
2 .08
.28
Ø7
2 .08
Class H(K) and R 600V - 60A block
66
2.6
54
2.1
3
.1
5
.2
8
.3
Ø7
.3
38
1.5
17
.7
77
3.0
115
4.5
116
4.6
82
3.2
38
1.5
39
1.6
With cover.
See tables 3 and
5 for available
covers.
172
[6.8]
202
[8.0]
Dimensions - mm (in):


Similar Part No. - HM25060-2CR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HM25060-2MW12 COOPER-HM25060-2MW12 Datasheet
5Mb / 11P
   Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
logo
List of Unclassifed Man...
HM25060-2MW12 ETC1-HM25060-2MW12 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
logo
Cooper Bussmann, Inc.
HM25060-2MW14 COOPER-HM25060-2MW14 Datasheet
5Mb / 11P
   Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
logo
List of Unclassifed Man...
HM25060-2MW14 ETC1-HM25060-2MW14 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
logo
Cooper Bussmann, Inc.
HM25060-2MW24 COOPER-HM25060-2MW24 Datasheet
5Mb / 11P
   Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
More results

Similar Description - HM25060-2CR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
logo
Cooper Bussmann, Inc.
J-63 COOPER-J-63 Datasheet
372Kb / 2P
   Class H (K), J and R ferrule and blade fuse reducers
logo
Eaton All Rights Reserv...
H-K EATON-H-K Datasheet
547Kb / 2P
   Class H/K, J and R ferrule and blade fuse reducers
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
logo
Cooper Bussmann, Inc.
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
   Modular ferrule fuse blocks
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
List of Unclassifed Man...
JM60030-1MW14 ETC1-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com