Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

831724 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 831724
Description  Differential Clock/Data Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

831724 Datasheet(HTML) 2 Page - Integrated Device Technology

  831724 Datasheet HTML 1Page - Integrated Device Technology 831724 Datasheet HTML 2Page - Integrated Device Technology 831724 Datasheet HTML 3Page - Integrated Device Technology 831724 Datasheet HTML 4Page - Integrated Device Technology 831724 Datasheet HTML 5Page - Integrated Device Technology 831724 Datasheet HTML 6Page - Integrated Device Technology 831724 Datasheet HTML 7Page - Integrated Device Technology 831724 Datasheet HTML 8Page - Integrated Device Technology 831724 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
©2016 Integrated Device Technology, Inc
Revision B November 16, 2016
831724 Datasheet
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 8, 9, 15,
26, 32
VDD
Power
Positive power supply pins.
2
nOED
Input
Pullup
Output enable for the QD output. See Table 3D for function. LVCMOS/LVTTL
interface levels.
3
CLK0
Input
Pulldown
Non-inverting clock/data input 0.
4
nCLK0
Input
Pulldown/Pullup
Inverting differential clock input 0. VDD/2 default when left floating.
5
CLK1
Input
Pulldown
Non-inverting clock/data input 1.
6
nCLK1
Input
Pulldown/Pullup
Inverting differential clock input 1. VDD/2 default when left floating.
7
nOEA
Input
Pullup
Output enable for the QA output. See Table 3A for function. LVCMOS/LVTTL
interface levels.
10, 11
QA, nQA
Output
Differential output pair A. HCSL interface levels.
12, 29
GND
Power
Power supply ground.
13, 14
QB, nQB
Output
Differential output pair B. HCSL interface levels.
16
nOEB
Input
Pullup
Output enable for the QB output. See Table 3B for function. LVCMOS/LVTTL
interface levels.
17, 19, 20,
21, 22, 24
nc
Unused
No connect pins.
18
SEL
Input
Pulldown
Input select. See Table 3E for function.
LVCMOS/LVTTL interface levels.
23
nOEC
Input
Pullup
Output enable for the QC output. See Table 3C for function. LVCMOS/LVTTL
interface levels.
25
IREF
Input
An external fixed precision resistor (475
) from this pin to ground provides a
reference current used for the differential current-mode QX, nQX outputs.
27, 28
QC, nQC
Output
Differential output pair C. HCSL interface levels.
30, 31
QD, nQD
Output
Differential output pair D. HCSL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k


Similar Part No. - 831724

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
831724 RENESAS-831724 Datasheet
693Kb / 23P
   Differential Clock/Data Multiplexer
November 16, 2016
More results

Similar Description - 831724

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
831724 RENESAS-831724 Datasheet
693Kb / 23P
   Differential Clock/Data Multiplexer
November 16, 2016
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I_14 Datasheet
622Kb / 18P
   Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I Datasheet
2Mb / 17P
   Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
ICS831721I RENESAS-ICS831721I Datasheet
1,022Kb / 19P
   Differential Clock/Data Multiplexer
FEBRUARY 3, 2014
logo
Integrated Device Techn...
831742I IDT-831742I_17 Datasheet
524Kb / 18P
   4:2 Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
831742I RENESAS-831742I Datasheet
1Mb / 21P
   4:2 Differential Clock/Data Multiplexer
July 30, 2021
logo
Integrated Device Techn...
831742I IDT-831742I Datasheet
540Kb / 20P
   4:2 Differential Clock/Data Multiplexer
logo
ON Semiconductor
NB6L56 ONSEMI-NB6L56 Datasheet
139Kb / 10P
   Dual 2:1 Differential Clock Data Multiplexer
May, 2012 ??Rev. 0
logo
Integrated Circuit Syst...
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com