Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83905AKLFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 83905AKLFT
Description  Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83905AKLFT Datasheet(HTML) 1 Page - Integrated Device Technology

  83905AKLFT Datasheet HTML 1Page - Integrated Device Technology 83905AKLFT Datasheet HTML 2Page - Integrated Device Technology 83905AKLFT Datasheet HTML 3Page - Integrated Device Technology 83905AKLFT Datasheet HTML 4Page - Integrated Device Technology 83905AKLFT Datasheet HTML 5Page - Integrated Device Technology 83905AKLFT Datasheet HTML 6Page - Integrated Device Technology 83905AKLFT Datasheet HTML 7Page - Integrated Device Technology 83905AKLFT Datasheet HTML 8Page - Integrated Device Technology 83905AKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
©2016 Integrated Device Technology, Inc.
Revision D September 27, 2016
General Description
The 83905 is a low skew, 1-to-6 LVCMOS / LVTTL Fanout Buffer.
The low impedance LVCMOS/LVTTL outputs are designed to
drive 50
 series or parallel terminated transmission lines. The
effective fanout can be increased from 6 to 12 by utilizing the
ability of the outputs to drive two series terminated lines.
The 83905 is characterized at full 3.3V, 2.5V, and 1.8V, mixed
3.3V/2.5V, 3.3V/1.8V and 2.5V/1.8V output operating supply
mode. Guaranteed output and part-to-part skew characteristics
along with the 1.8V output capabilities makes the 83905 ideal for
high performance, single ended applications that also require a
limited output voltage.
Pin Assignments
Features
Six LVCMOS / LVTTL outputs
Outputs able to drive 12 series terminated lines
Crystal Oscillator Interface
Crystal input frequency range: 10MHz to 40MHz
Output skew: 80ps (maximum)
RMS phase jitter @ 25MHz, (100Hz – 1MHz): 0.26ps (typical),
VDD = VDDO = 2.5V
Offset
Noise Power
100Hz.................-129.7 dBc/Hz
1kHz ...................-144.4 dBc/Hz
10kHz .................-147.3 dBc/Hz
100kHz ...............-157.3 dBc/Hz
5V tolerant enable inputs
Synchronous output enables
Operating power supply modes:
Full 3.3V, 2.5V, 1.8V
Mixed 3.3V core/2.5V output operating supply
Mixed 3.3V core/1.8V output operating supply
Mixed 2.5V core/1.8V output operating supply
0°C to 70°C ambient operating temperature
Lead-free (RoHS 6) packaging
Block Diagram
6
7
8
9
10
19
20
18 17 16
1
2
3
4
5
13
14
15
12
11
GND
VDDO
GND
BCLK0
BCLK1
BCLK4
BCLK5
VDDO
GND
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
XTAL_IN
ENABLE1
BCLK5
VDDO
BCLK4
GND
BCLK3
VDD
BCLK2
GND
BCLK1
VDDO
BCLK0
GND
ENABLE2
XTAL_OUT
83905
16-Lead SOIC, 150 Mil
3.9mm x 9.9mm x 1.38mm
package body
M Package
Top View
16-Lead TSSOP
4.4mm x 5.0mm x 0.925mm
package body
G Package
Top View
83905
20-Lead VFQFN
4mm x 4mm x 0.925mm
package body
K Package
Top View
SYNCHRONIZE
SYNCHRONIZE
BCLK0
BCLK1
BCLK2
BCLK3
BCLK4
BCLK5
XTAL_IN
XTAL_OUT
ENABLE 1
ENABLE 2
83905
Datasheet
Low Skew, 1:6 Crystal-to-LVCMOS/
LVTTL Fanout Buffer


Similar Part No. - 83905AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83905AKLFT IDT-83905AKLFT Datasheet
965Kb / 21P
   Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905AKLFT RENESAS-83905AKLFT Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
More results

Similar Description - 83905AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
   Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
83905I RENESAS-83905I Datasheet
694Kb / 22P
   Low Skew, 1:6 Crystal Interface to LVCMOS/ LVTTL Fanout Buffer
September 28, 2016
logo
Integrated Circuit Syst...
ICS83905I ICST-ICS83905I Datasheet
221Kb / 16P
   LOW SKEW, 1:6 CRYSTAL INTERFACE-TO LVCMOS/LVTTL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
   Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
83918 IDT-83918_16 Datasheet
332Kb / 19P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83918 RENESAS-83918 Datasheet
527Kb / 20P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
logo
Integrated Circuit Syst...
ICS83908-02 ICST-ICS83908-02 Datasheet
201Kb / 14P
   LOW SKEW, 1-TO-8 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com