Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83056 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 83056
Description  6:1, Single-Ended Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83056 Datasheet(HTML) 3 Page - Integrated Device Technology

  83056_16 Datasheet HTML 1Page - Integrated Device Technology 83056_16 Datasheet HTML 2Page - Integrated Device Technology 83056_16 Datasheet HTML 3Page - Integrated Device Technology 83056_16 Datasheet HTML 4Page - Integrated Device Technology 83056_16 Datasheet HTML 5Page - Integrated Device Technology 83056_16 Datasheet HTML 6Page - Integrated Device Technology 83056_16 Datasheet HTML 7Page - Integrated Device Technology 83056_16 Datasheet HTML 8Page - Integrated Device Technology 83056_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
83056 Data Sheet
©2016 Integrated Device Technology, Inc
Revision B March 10, 2016
3
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD
+ 0.5 V
Outputs, V
O
-0.5V to V
DDO
+ 0.5V
Package Thermal Impedance,
θ
JA
89°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is
not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD
= V
DDO
= 3.3V±5%, TA = -40°C TO 85°C
TABLE 4D. POWER SUPPLY DC CHARACTERISTICS, V
DD
= V
DDO
= 2.5V±5%, TA = -40°C TO 85°C
TABLE 4B. POWER SUPPLY DC CHARACTERISTICS, V
DD
= 3.3V±5%, V
DDO
= 2.5V±5%, TA = -40°C TO 85°C
TABLE 4C. POWER SUPPLY DC CHARACTERISTICS, V
DD
= 3.3V±5%, V
DDO
= 1.8V±0.2V, TA = -40°C TO 85°C
TABLE 4E. POWER SUPPLY DC CHARACTERISTICS, V
DD
= 2.5V±5%, V
DDO
= 1.8V±0.2V, TA = -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Power Supply Voltage
3.135
3.3
3.465
V
V
DDO
Output Supply Voltage
3.135
3.3
3.465
V
I
DD
Power Supply Current
40
mA
I
DDO
Output Supply Current
5mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Power Supply Voltage
3.135
3.3
3.465
V
V
DDO
Output Supply Voltage
2.375
2.5
2.625
V
I
DD
Power Supply Current
40
mA
I
DDO
Output Supply Current
5mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Power Supply Voltage
3.135
3.3
3.465
V
V
DDO
Output Supply Voltage
1.71
1.8
1.89
V
I
DD
Power Supply Current
40
mA
I
DDO
Output Supply Current
5mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Power Supply Voltage
2.375
2.5
2.625
V
V
DDO
Output Supply Voltage
2.375
2.5
2.625
V
I
DD
Power Supply Current
35
mA
I
DDO
Output Supply Current
5mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Power Supply Voltage
2.375
2.5
2.625
V
V
DDO
Output Supply Voltage
1.71
1.8
1.89
V
I
DD
Power Supply Current
35
mA
I
DDO
Output Supply Current
5mA


Similar Part No. - 83056_16

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
83056AGI ICST-83056AGI Datasheet
157Kb / 13P
   6:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83056AGI-01 RENESAS-83056AGI-01 Datasheet
833Kb / 15P
   6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
83056AGI-01LF RENESAS-83056AGI-01LF Datasheet
833Kb / 15P
   6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
83056AGI-01LFT RENESAS-83056AGI-01LFT Datasheet
833Kb / 15P
   6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
83056AGI-01T RENESAS-83056AGI-01T Datasheet
833Kb / 15P
   6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
More results

Similar Description - 83056_16

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
   6:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83056 RENESAS-83056 Datasheet
346Kb / 16P
   6:1, Single-Ended Multiplexer
March 10, 2016
logo
Integrated Circuit Syst...
ICS83056I-01 ICST-ICS83056I-01 Datasheet
213Kb / 12P
   6-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
ICS83056I-01 RENESAS-ICS83056I-01 Datasheet
833Kb / 15P
   6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
logo
Integrated Device Techn...
ICS83058I IDT-ICS83058I Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Circuit Syst...
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
   2:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83058I RENESAS-83058I Datasheet
363Kb / 15P
   8:1, Single-Ended Multiplexer
December 15, 2015
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
   2:1 Single-Ended Multiplexer
January 27, 2016
83054 RENESAS-83054 Datasheet
348Kb / 15P
   4:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Device Techn...
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
   2 1 single-ended multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com