Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8735-31 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 8735-31
Description  1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8735-31 Datasheet(HTML) 3 Page - Integrated Device Technology

  8735-31_16 Datasheet HTML 1Page - Integrated Device Technology 8735-31_16 Datasheet HTML 2Page - Integrated Device Technology 8735-31_16 Datasheet HTML 3Page - Integrated Device Technology 8735-31_16 Datasheet HTML 4Page - Integrated Device Technology 8735-31_16 Datasheet HTML 5Page - Integrated Device Technology 8735-31_16 Datasheet HTML 6Page - Integrated Device Technology 8735-31_16 Datasheet HTML 7Page - Integrated Device Technology 8735-31_16 Datasheet HTML 8Page - Integrated Device Technology 8735-31_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
©2016 Integrated Device Technology, Inc
Revision B January 27, 2016
8735-31 Data Sheet
Function Tables
Table 3A. Control Input Function Table
Inputs
Outputs
PLL_SEL = 1
PLL Enable Mode
SEL3
SEL2
SEL1
SEL0
Reference Frequency Range (MHz)
Q0:Q4, nQ0:nQ4
0000
125 - 350
÷1
0001
62.5 - 175
÷1
0010
31.25 - 87.5
÷1
0011
15.625 - 43.75
÷1
0100
125 - 350
÷2
0101
62.5 - 175
÷2
0110
31.25 - 87.5
÷2
0111
125 - 350
÷4
1000
62.5 - 175
÷4
1001
125 - 350
÷8
1010
62.5 - 175
x2
1011
31.25 - 87.5
x2
1100
15.625 - 43.75
x2
1101
31.25 - 87.5
x4
1110
15.625 - 43.75
x4
1111
15.625 - 43.75
x8


Similar Part No. - 8735-31_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8735-31 IDT-8735-31 Datasheet
350Kb / 21P
   Selectable differential clock inputs
logo
Renesas Technology Corp
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
More results

Similar Description - 8735-31_16

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
   1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Renesas Technology Corp
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-01 RENESAS-8735BI-01 Datasheet
610Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-21 RENESAS-8735BI-21 Datasheet
635Kb / 19P
   700MHz, Differential-to-3.3V LVPECL Zero Delay Clock Generator
1/27/15
logo
List of Unclassifed Man...
ICS8735-21 ETC-ICS8735-21 Datasheet
198Kb / 15P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
ICS8735-21 IDT-ICS8735-21 Datasheet
840Kb / 20P
   700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
   1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com