Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

850S1201BGILFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 850S1201BGILFT
Description  12:1 Single-ended Multiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

850S1201BGILFT Datasheet(HTML) 2 Page - Integrated Device Technology

  850S1201BGILFT Datasheet HTML 1Page - Integrated Device Technology 850S1201BGILFT Datasheet HTML 2Page - Integrated Device Technology 850S1201BGILFT Datasheet HTML 3Page - Integrated Device Technology 850S1201BGILFT Datasheet HTML 4Page - Integrated Device Technology 850S1201BGILFT Datasheet HTML 5Page - Integrated Device Technology 850S1201BGILFT Datasheet HTML 6Page - Integrated Device Technology 850S1201BGILFT Datasheet HTML 7Page - Integrated Device Technology 850S1201BGILFT Datasheet HTML 8Page - Integrated Device Technology 850S1201BGILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
©2016 Integrated Device Technology, Inc.
Revison B, February 8, 2016
850S1201 Datasheet
Pin Description and Pin Characteristics
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1
CLK8
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
2
CLK9
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
3
CLK10
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
4
CLK11
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
5VDD
Power
Power supply pin.
6,
7.
8,
9
CLK_SEL0,
CLK_SEL1,
CLK_SEL2,
CLK_SEL3
Input
Pulldown
Clock select inputs. See Table 3. LVCMOS / LVTTL interface levels.
10
OE
Input
Pullup
Output enable pin for Q output. LVCMOS/LVTTL interface levels.
11
Q
Output
Single-ended clock output. LVCMOS/LVTTL interface levels.
12
GND
Power
Power supply ground.
13
CLK0
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
14
CLK1
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
15
CLK2
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
16
CLK3
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
17
CLK4
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
18
CLK5
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
19
CLK6
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
20
CLK7
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2pF
CPD
Power Dissipation Capacitance
VDD = 3.465V
10
pF
VDD = 2.625V
8
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k
ROUT
Output Impedance
VDD = 3.3V±5%
20
VDD = 2.5V±5%
25


Similar Part No. - 850S1201BGILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
850S1201BGILFT RENESAS-850S1201BGILFT Datasheet
663Kb / 14P
   12:1 Single-ended Multiplexer
Revison B, February 8, 2016
More results

Similar Description - 850S1201BGILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
850S1201 RENESAS-850S1201 Datasheet
663Kb / 14P
   12:1 Single-ended Multiplexer
Revison B, February 8, 2016
logo
Integrated Device Techn...
ICS850S1201I IDT-ICS850S1201I Datasheet
781Kb / 12P
   12:1 SINGLE-ENDED MULTIPLEXER
logo
Integrated Circuit Syst...
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
   6:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Device Techn...
ICS83058I IDT-ICS83058I Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Circuit Syst...
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
   2:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83058I RENESAS-83058I Datasheet
363Kb / 15P
   8:1, Single-Ended Multiplexer
December 15, 2015
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
   2:1 Single-Ended Multiplexer
January 27, 2016
83054 RENESAS-83054 Datasheet
348Kb / 15P
   4:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Device Techn...
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
   2 1 single-ended multiplexer
8308I IDT-8308I Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com