Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

850S1201 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 850S1201
Description  12:1 Single-ended Multiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

850S1201 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 850S1201 Datasheet HTML 3Page - Integrated Device Technology 850S1201 Datasheet HTML 4Page - Integrated Device Technology 850S1201 Datasheet HTML 5Page - Integrated Device Technology 850S1201 Datasheet HTML 6Page - Integrated Device Technology 850S1201 Datasheet HTML 7Page - Integrated Device Technology 850S1201 Datasheet HTML 8Page - Integrated Device Technology 850S1201 Datasheet HTML 9Page - Integrated Device Technology 850S1201 Datasheet HTML 10Page - Integrated Device Technology 850S1201 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
©2016 Integrated Device Technology, Inc.
Revison B, February 8, 2016
850S1201 Datasheet
Additive Phase Jitter
The spectral purity in a band at a specific offset from the fundamental
compared to the power of the fundamental is called the dBc Phase
Noise. This value is normally expressed using a Phase noise plot
and is most often the specified plot in many applications. Phase noise
is defined as the ratio of the noise power present in a 1Hz band at a
specified offset from the fundamental frequency to the power value of
the fundamental. This ratio is expressed in decibels (dBm) or a ratio
of the power in the 1Hz band to the power in the fundamental. When
the required offset is specified, the phase noise is called a dBc value,
which simply means dBm at a specified offset from the fundamental.
By investigating jitter in the frequency domain, we get a better
understanding of its effects on the desired application over the entire
time record of the signal. It is mathematically possible to calculate an
expected bit error rate given a phase noise plot.
As with most timing specifications, phase noise measurements has
issues relating to the limitations of the equipment. Often the noise
floor of the equipment is higher than the noise floor of the device. This
is illustrated above. The device meets the noise floor of what is
shown, but can actually be lower. The phase noise is dependent on
the input source and measurement equipment.
Offset Frequency (Hz)
Additive Phase Jitter @ 155.52MHz
12kHz to 20MHz = 0.35ps (typical)


Similar Part No. - 850S1201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
850S1201 RENESAS-850S1201 Datasheet
663Kb / 14P
   12:1 Single-ended Multiplexer
Revison B, February 8, 2016
logo
Integrated Device Techn...
850S1201AGILF IDT-850S1201AGILF Datasheet
781Kb / 12P
   12:1 SINGLE-ENDED MULTIPLEXER
850S1201AGILFT IDT-850S1201AGILFT Datasheet
781Kb / 12P
   12:1 SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
850S1201BGILF RENESAS-850S1201BGILF Datasheet
663Kb / 14P
   12:1 Single-ended Multiplexer
Revison B, February 8, 2016
850S1201BGILFT RENESAS-850S1201BGILFT Datasheet
663Kb / 14P
   12:1 Single-ended Multiplexer
Revison B, February 8, 2016
More results

Similar Description - 850S1201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
850S1201 RENESAS-850S1201 Datasheet
663Kb / 14P
   12:1 Single-ended Multiplexer
Revison B, February 8, 2016
logo
Integrated Device Techn...
ICS850S1201I IDT-ICS850S1201I Datasheet
781Kb / 12P
   12:1 SINGLE-ENDED MULTIPLEXER
logo
Integrated Circuit Syst...
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
   6:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Device Techn...
ICS83058I IDT-ICS83058I Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Circuit Syst...
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
   2:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83058I RENESAS-83058I Datasheet
363Kb / 15P
   8:1, Single-Ended Multiplexer
December 15, 2015
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
   2:1 Single-Ended Multiplexer
January 27, 2016
83054 RENESAS-83054 Datasheet
348Kb / 15P
   4:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Device Techn...
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
   2 1 single-ended multiplexer
8308I IDT-8308I Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com