Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

844S42BKILF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 844S42BKILF
Description  Dual Output RF Frequency Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844S42BKILF Datasheet(HTML) 4 Page - Integrated Device Technology

  844S42BKILF Datasheet HTML 1Page - Integrated Device Technology 844S42BKILF Datasheet HTML 2Page - Integrated Device Technology 844S42BKILF Datasheet HTML 3Page - Integrated Device Technology 844S42BKILF Datasheet HTML 4Page - Integrated Device Technology 844S42BKILF Datasheet HTML 5Page - Integrated Device Technology 844S42BKILF Datasheet HTML 6Page - Integrated Device Technology 844S42BKILF Datasheet HTML 7Page - Integrated Device Technology 844S42BKILF Datasheet HTML 8Page - Integrated Device Technology 844S42BKILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
©2016 Integrated Device Technology, Inc
Revision A April 28, 2016
844S42I Data Sheet
Table 2. Pin Characteristics
Functional Description
The 844S42I is a programmable high-frequency clock source (clock
synthesizer). The internal PLL generates a high frequency output
signal based on a low-frequency reference signal. The frequency of
the output signal is programmable and can be changed on the fly for
frequency margining purpose. The internal crystal oscillator uses the
parallel-resonance external quartz crystal as the basis of its
frequency reference. Alternatively, an LVCMOS compatible clock
signal can be used as a PLL reference signal. The frequency of the
internal crystal oscillator is divided by a selectable divider and then
multiplied by the PLL. The internal oscillator within the PLL operates
over a range of 1296 MHz to 2592 MHz. Its output is scaled by two
independent dividers that are configured by either the I2C or parallel
interfaces. The crystal oscillator frequency fXTAL, the PLL pre-divider
P, the feedback-divider M, and the PLL post-dividers NA, NB
determine the output frequency. The feedback path of the PLL is
internal.
The PLL post-dividers NA and NB are configured through either the
I2C or the parallel interfaces, and each can provide one of seven
division ratios (1, 2, 3, 4, 6, 8, 16) and can stop the output clock in a
logic low state. The divider extends the performance of the part while
providing a typical 50% duty cycle. The high-frequency outputs, QA
and QB, are differential and are capable of driving a pair of
transmission lines. The differential outputs are configured as LVDS
or LVPECL by the control input LEV_SEL. The positive supply
voltage for the internal PLL is separated from the power supply for
the core logic and output drivers to minimize noise induced jitter.
The configuration logic has two sections: I2C and parallel. The
parallel interface uses the values at the M[9:0], NA[2:0], NB[2:0] and
P parallel inputs to configure the internal PLL dividers. The parallel
programming interface has priority over the serial I2C interface. The
serial interface is I2C compatible and provides read and write access
to the internal PLL configuration registers.The lock state of the PLL
is indicated by the LVCMOS-compatible LOCK_DT output.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k
ROUT
Output Impedance
LOCK_DT
20


Similar Part No. - 844S42BKILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844S012 IDT-844S012 Datasheet
215Kb / 24P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
844S012 RENESAS-844S012 Datasheet
413Kb / 25P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
844S012AKILF IDT-844S012AKILF Datasheet
215Kb / 24P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
844S012AKILF RENESAS-844S012AKILF Datasheet
413Kb / 25P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
844S012AKILFT IDT-844S012AKILFT Datasheet
215Kb / 24P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
More results

Similar Description - 844S42BKILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS844S42I RENESAS-ICS844S42I Datasheet
705Kb / 29P
   Dual Output RF Frequency Synthesizer
April 28, 2016
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
National Semiconductor ...
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Texas Instruments
LMX2430 TI1-LMX2430_16 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com