Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL33193 Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # IL33193
Description  Automotive Direction Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL33193 Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

  IL33193_16 Datasheet HTML 1Page - IK Semicon Co., Ltd IL33193_16 Datasheet HTML 2Page - IK Semicon Co., Ltd IL33193_16 Datasheet HTML 3Page - IK Semicon Co., Ltd IL33193_16 Datasheet HTML 4Page - IK Semicon Co., Ltd IL33193_16 Datasheet HTML 5Page - IK Semicon Co., Ltd IL33193_16 Datasheet HTML 6Page - IK Semicon Co., Ltd IL33193_16 Datasheet HTML 7Page - IK Semicon Co., Ltd IL33193_16 Datasheet HTML 8Page - IK Semicon Co., Ltd IL33193_16 Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IL33193
Oct. 2013. Rev. 02
I L 3 3 1 9 3
C1
R1
R2
R3
Rs
V b a t
R e l a y
S1
L2
L3
L4
L5
L6
1
2
3
4
5
6
7
8
R s = 2 0 m 
R 1 = 7 5 k 
C 1 = 5 . 6  F
R 2 = 3 . 3 k 
R 3 = 2 0 0 
L 2 , L 3 , L 4 , L 5 = 2 1 W T u m S i g n a l L a m p s
Figure 9 - IL33193 Typical Application
Application Information
NOTES: 1. In the above application, the IL33193 is compatible with the UAA1041 and UAA1041B except for the shunt resistor
value (Rs = 20 m).
2. The flashing cycle is started by the closing of switch S1.
3. The position of switch S1 is sensed across resistor R2 and RLamp by the input, Pin 8.


Similar Part No. - IL33193_16

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL33193-03 IKSEMICON-IL33193-03 Datasheet
717Kb / 6P
   Defective Lamp Detection Threshold
IL33193-03N IKSEMICON-IL33193-03N Datasheet
717Kb / 6P
   Automotive Direction Indicator
IL33193A IKSEMICON-IL33193A Datasheet
397Kb / 8P
   Automotive Direction Indicator
logo
Integral Corp.
IL33193D INTEGRAL-IL33193D Datasheet
247Kb / 8P
   Automotive Direction Indicator
logo
IK Semicon Co., Ltd
IL33193D IKSEMICON-IL33193D Datasheet
249Kb / 8P
   Automotive Direction Indicator
More results

Similar Description - IL33193_16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33193 MOTOROLA-MC33193 Datasheet
262Kb / 8P
   Automotive Direction Indicator
logo
IK Semicon Co., Ltd
IL33193A IKSEMICON-IL33193A Datasheet
397Kb / 8P
   Automotive Direction Indicator
logo
KODENSHI_AUK CORP.
KK33193 KODENSHI-KK33193 Datasheet
264Kb / 8P
   Automotive Direction Indicator
logo
IK Semicon Co., Ltd
IL33193 IKSEMICON-IL33193 Datasheet
249Kb / 8P
   Automotive Direction Indicator
logo
Integral Corp.
IL33193 INTEGRAL-IL33193 Datasheet
247Kb / 8P
   Automotive Direction Indicator
logo
Motorola, Inc
UAA1041B MOTOROLA-UAA1041B Datasheet
92Kb / 4P
   AUTOMOTIVE DIRECTION INDICATOR
logo
IK Semicon Co., Ltd
IL33193-03N IKSEMICON-IL33193-03N Datasheet
717Kb / 6P
   Automotive Direction Indicator
logo
STMicroelectronics
L9686MD013TR STMICROELECTRONICS-L9686MD013TR Datasheet
614Kb / 7P
   AUTOMOTIVE DIRECTION INDICATOR
L9686 STMICROELECTRONICS-L9686 Datasheet
60Kb / 7P
   AUTOMOTIVE DIRECTION INDICATOR
logo
ARTSCHIP ELECTRONICS CO...
MC33193 ARTSCHIP-MC33193 Datasheet
385Kb / 8P
   Automotive Direction Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com