Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5PB1106CMGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 5PB1106CMGI
Description  1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5PB1106CMGI Datasheet(HTML) 3 Page - Integrated Device Technology

  5PB1106CMGI Datasheet HTML 1Page - Integrated Device Technology 5PB1106CMGI Datasheet HTML 2Page - Integrated Device Technology 5PB1106CMGI Datasheet HTML 3Page - Integrated Device Technology 5PB1106CMGI Datasheet HTML 4Page - Integrated Device Technology 5PB1106CMGI Datasheet HTML 5Page - Integrated Device Technology 5PB1106CMGI Datasheet HTML 6Page - Integrated Device Technology 5PB1106CMGI Datasheet HTML 7Page - Integrated Device Technology 5PB1106CMGI Datasheet HTML 8Page - Integrated Device Technology 5PB1106CMGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MAY 13, 2016
3
1.8V TO 3.3V LVCMOS HIGH PERFORMANCE CLOCK BUFFER FAMILY
5PB11xx DATASHEET
Pin Assignments for DFN/QFN Packages
Pin Descriptions for DFN/QFN Packages
Output Logic Table
After at least three cycles of input clock toggling. Output Enable function is asynchronous to eliminate any intermediate incorrect output clock cycles during transition which may cause
frequency peaking to the downstream device.
Device Number
LVCMOS
Clock Input
Clock Output
Enable
LVCMOS Clock Output
Supply Voltage
Ground
CLKIN
1G
Y0, Y1, . . . Y9
VDD
GND
5PB1102CMGI
1
2
3, 8
6
4
5PB1104CMGI
1
2
3, 5, 7, 8
6
4
5PB1106CMGI
15
16
1, 4, 9, 11, 13, 14
3, 8, 12
2, 5, 10
5PB1108CMGI
15
16
1, 4, 6, 7, 9, 11, 13, 14
3, 8, 12
2, 5, 10
5PB1110NDGI
19
20
1, 4, 6, 8, 10, 11, 13, 15, 17, 18
3, 7, 12, 16
2, 5, 9, 14
Inputs
Output
CLKIN
1G
Yn
XL
L
LH
L
HHH
CLKIN
1
2
3
45
6
7
8
1G
Y0
GND
NC
VDD
NC
Y1
5PB1102CMGI
CLKIN
1
2
3
45
6
7
8
1G
Y0
GND
Y2
VDD
Y3
Y1
5PB1104CMGI
1
2
3
4
5
67 8
9
10
11
12
13
14
15
16
Y0
GND
VDD
Y4
Y5
Y2
GND
VDD
5PB1106CMGI
1
2
3
4
5
67 8
9
10
11
12
13
14
15
16
Y0
GND
VDD
Y4
Y5
Y2
GND
VDD
5PB1108CMGI
1
2
3
4
5
67 8 9 10
11
12
13
14
15
16
17
18
19
20
Y0
GND
VDD
Y4
GND
GND
Y7
VDD
Y5
Y2
5PB1110NDGI


Similar Part No. - 5PB1106CMGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB1106CMGI IDT-5PB1106CMGI Datasheet
479Kb / 21P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
logo
Renesas Technology Corp
5PB1106CMGI RENESAS-5PB1106CMGI Datasheet
1Mb / 35P
   High-performance 1:2, 1:4, 1:6, 1:8, 1:10 LVCMOS clock buffer
logo
Integrated Device Techn...
5PB1106CMGI8 IDT-5PB1106CMGI8 Datasheet
479Kb / 21P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
logo
Renesas Technology Corp
5PB1106CMGI8 RENESAS-5PB1106CMGI8 Datasheet
1Mb / 35P
   High-performance 1:2, 1:4, 1:6, 1:8, 1:10 LVCMOS clock buffer
More results

Similar Description - 5PB1106CMGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
5PB12XX RENESAS-5PB12XX Datasheet
741Kb / 16P
   High-Performance TCXO/LVCMOS Clock Buffer Family
June 7, 2022
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
logo
Integrated Device Techn...
5PB12XX IDT-5PB12XX_18 Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
5PB12XX IDT-5PB12XX Datasheet
316Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C_16 Datasheet
330Kb / 12P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
March, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com