Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-812C43AMC-C2X-T2 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-812C43AMC-C2X-T2
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-812C43AMC-C2X-T2 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-812C43AMC-C2X-T2 Datasheet HTML 2Page - Seiko Instruments Inc S-812C43AMC-C2X-T2 Datasheet HTML 3Page - Seiko Instruments Inc S-812C43AMC-C2X-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-812C43AMC-C2X-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-812C43AMC-C2X-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-812C43AMC-C2X-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-812C43AMC-C2X-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-812C43AMC-C2X-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-812C43AMC-C2X-T2 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Rev.1.0
S-812C Series
6
Seiko Instruments Inc.
„ Test Circuits
3.
2.
VSS
VOUT
(ON/OFF)*
Set power ON
VIN
V
A
VSS
VOUT
(ON/OFF)*
VIN
A
VIN or GND
3.
4.
Set power ON
VSS
VOUT
(ON/OFF)*
VIN
V
A
VSS
VOUT
(ON/OFF)*
VIN
V
A
RL
Figure 6 Test Circuits
„ Standard Circuit
VSS
VOUT
(ON/OFF)
VIN
CIN
CL
INPUT
OUTPUT
GND
One point GND
Figure 7 Standard Circuit
„ Terms
1. Output capacitors (CL)
Output capacitors are generally used to stabilize regulation operation and to improve transient response
characteristics. But the S-812C series can provide stable operation without output capacitors. Capacitors
are used only to improve transient response characteristics. Output capacitors can hence be removed in
applications in which transient response can be negligible. When an output capacitor is used, a low ESR
(Equivalent Series Resistance) capacitor like ceramic capacitor can also be used.
2. Output voltage (VOUT)
The accuracy of the output voltage is
± 2.0% guaranteed under the specified conditions for input voltage,
which differs depending upon the product items, output current, and temperature.
Note:
If the above conditions change, the output voltage value may vary and go out of the accuracy range
of the output voltage. See the electrical characteristics and characteristics data for details.
3. Line regulations 1 and 2 (
∆V
OUT1,
∆V
OUT2)
These parameters indicate the input voltage dependence on the output voltage. That is, the values show
how much the output voltage changes due to a change in the input voltage with the output current remained
unchanged.
4. Load regulation (
∆V
OUT3)
This parameter indicates the output current dependence on the output voltage. That is, the value shows how
much the output voltage changes due to a change in the output current with the input voltage remained
unchanged.
In addition to a tantalum capacitor, a ceramic
capacitor can be used for CL. See terms below.
CIN is a capacitor used to stabilize input.


Similar Part No. - S-812C43AMC-C2X-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C43AMC-C2XT2G SII-S-812C43AMC-C2XT2G Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-812C43AMC-C2XT2X ABLIC-S-812C43AMC-C2XT2X Datasheet
803Kb / 56P
   16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
More results

Similar Description - S-812C43AMC-C2X-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_16 Datasheet
254Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_V01 Datasheet
301Kb / 4P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C SII-S-812C_1 Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com