Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P83904CMGK8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 5P83904CMGK8
Description  High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P83904CMGK8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 5P83904CMGK8 Datasheet HTML 4Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 5Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 6Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 7Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 8Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 9Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 10Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 11Page - Integrated Device Technology 5P83904CMGK8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HIGH-PERFORMANCE 1.8V/2.5V/3.3V CRYSTAL INPUT TO LVCMOS CLOCK FANOUT BUFFER WITH OE
8
OCTOBER 5, 2016
5P8390x DATASHEET
Phase Noise Plots
The phase noise plots above show the low Additive Jitter of the 5P8390x high-performance buffer. With an integration range of
12kHz to 20MHz, the reference input has about 58.9fs of RMS phase jitter while the output of 5P8390x has about 70.9fs of RMS
phase jitter. This results in a low Additive Phase Jitter of only 39fs.
Phase Noise
Φnoise
fOUT = 25 MHz 100 Hz off Carrier
-131.27
dBc/Hz
fOUT = 25 MHz 1 kHz off Carrier
-145.3267
fOUT = 25 MHz 10 kHz off Carrier
-154.3789
fOUT = 25 MHz 100 kHz off Carrier
-161.1555
RMS Phase Jitter
tJIT(Φ)
25MHz carrier, Integration Range: 12kHz-20MHz
0.16
ps
Output Rise/Fall Time
tR / tF
20% to 80%
0.85
ns
Device to Device Skew
200
ps
Propagation Delay
freq, LVCMOS INPUT
2.5
2.9
6
ns
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units


Similar Part No. - 5P83904CMGK8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P83904CMGK8 RENESAS-5P83904CMGK8 Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
More results

Similar Description - 5P83904CMGK8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
logo
ON Semiconductor
NB3H83905C ONSEMI-NB3H83905C Datasheet
206Kb / 15P
   1.8V/2.5V/3.3V Crystal Input to 1 6 LVTTL/LVCMOS Clock Fanout Buffer with OE
November, 2012 ??Rev. 9
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
   2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
   3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com