Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD85F6S-A Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # LD85F6S-A
Description  Industrial Optical Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LD85F6S-A Datasheet(HTML) 2 Page - Sensortechnics GmbH

  LD85F6S-A Datasheet HTML 1Page - Sensortechnics GmbH LD85F6S-A Datasheet HTML 2Page - Sensortechnics GmbH LD85F6S-A Datasheet HTML 3Page - Sensortechnics GmbH LD85F6S-A Datasheet HTML 4Page - Sensortechnics GmbH LD85F6S-A Datasheet HTML 5Page - Sensortechnics GmbH LD85F6S-A Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATING at Tc=25°C
Items
Symbols
Values
Unit
Optical Output Power
P
12
mW
Laser Diode Reverse
Voltage
V
2
V
Photo Diode Reverse
Voltage
V
30
V
Operating Temperature
Topr
10 ~ +60
°
C
Storage Temperature
Tstg
40 ~ +85
°
C
ELECTRICAL and OPTICAL CHARACTERISTICS at Tc=25°C
Items
Symbols
Min.
Typ. Max.
Unit
Condition
Optical Output Power
Po
-
10
-
mW
-
Threshold Current
Ith
5
10
20
mA
-
Operating Current
Iop
15
25
35
mA
Po=10mW
Slope Efficiency
SE
0.4
0.7
0.9
mW/mA
5~10 mW
Operating Voltage
Vop
-
1.9
2.5
V
Po=10mW
Lasing Wavelength
λ
p
845
850
855
nm
Po=10mW
θ ||
7
9
12
deg
Po=10mW
Beam Divergence
θ
25
32
40
deg
Po=10mW
∆θ ||
-
-
±2
deg
Po=10mW
Beam Angle
∆θ
-
-
±3
deg
Po=10mW
Monitor Current
Im
0.1
0.3
0.5
mA
Po=10mW
Astigmatism
As
15
µ
m
Optical Distance
X, ∆Y, ∆Z
-
-
±60
µ
m
The above product specifications are subject to change without notice.
NOTICE : LD85F6S-A/B/C to be operated on APC


Similar Part No. - LD85F6S-A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD85D6S-A SENSORTECHNICS-LD85D6S-A Datasheet
1Mb / 6P
   Industrial Optical Module
LD85H6S-A SENSORTECHNICS-LD85H6S-A Datasheet
1Mb / 6P
   Quantum Semiconductor International Co., Ltd.
LD85J6S-A SENSORTECHNICS-LD85J6S-A Datasheet
1Mb / 4P
   Quantum Semiconductor International Co., Ltd.
More results

Similar Description - LD85F6S-A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD78F6S-A SENSORTECHNICS-LD78F6S-A Datasheet
569Kb / 4P
   Industrial optical module
LD85D6S-A SENSORTECHNICS-LD85D6S-A Datasheet
1Mb / 6P
   Industrial Optical Module
LD65J7S-A SENSORTECHNICS-LD65J7S-A Datasheet
808Kb / 4P
   Optical Module
logo
NXP Semiconductors
BGE887BO PHILIPS-BGE887BO Datasheet
56Kb / 8P
   Optical receiver module
2001 Sep 27
BGY847BO PHILIPS-BGY847BO Datasheet
55Kb / 8P
   Optical receiver module
1998 Mar 13
logo
JDS Uniphase Corporatio...
OSM JDSU-OSM Datasheet
179Kb / 2P
   Optical Switch Module
logo
Molex Electronics Ltd.
1060594100 MOLEX1-1060594100 Datasheet
62Kb / 1P
   Optical Industrial Adapter, Industrial SC In-Line, Singlemode
1060593120 MOLEX-1060593120 Datasheet
62Kb / 1P
   Optical Industrial Adapter, Industrial LC In-Line, APC
1060594110 MOLEX1-1060594110 Datasheet
62Kb / 1P
   Optical Industrial Adapter, Industrial SC, In-Line, Multimode
logo
NXP Semiconductors
BGE883BO PHILIPS-BGE883BO Datasheet
51Kb / 8P
   Optical receiver module
2000 Apr 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com