Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD63H5S-A Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # LD63H5S-A
Description  Bar Code Scanner
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LD63H5S-A Datasheet(HTML) 2 Page - Sensortechnics GmbH

  LD63H5S-A Datasheet HTML 1Page - Sensortechnics GmbH LD63H5S-A Datasheet HTML 2Page - Sensortechnics GmbH LD63H5S-A Datasheet HTML 3Page - Sensortechnics GmbH LD63H5S-A Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATING at Tc=25°C
Items
Symbols
Values
Unit
Optical Output Power
P
24
mW
Laser Diode Reverse
Voltage
V
2
V
Photo Diode Reverse
Voltage
V
30
V
Operating Temperature
Topr
10 ~ +50
°
C
Storage Temperature
Tstg
40 ~ +85
°
C
ELECTRICAL and OPTICAL CHARACTERISTICS at Tc=25°C 1)2)
Items
Symbols
Min.
Typ. Max.
Unit
Condition
Optical Output Power
Po
-
20
-
mW
-
Threshold Current
Ith
-
30
50
mA
Po=20mW
Operating Current
Iop
-
60
80
mA
Po=20mW
Operating Voltage
Vop
-
2.3
2.6
V
Po=20mW
Lasing Wavelength
λ
p
630
639
645
nm
Po=20mW
θ 
6
8
14
deg
Po=20mW
Beam Divergence3)
θ
25
30
35
deg
Po=20mW
∆θ 
-
-
±2.0
deg
Po=20mW
Beam Angle
∆θ
-
-
±3.0
deg
Po=20mW
Monitor Current
Im
0.05
0.25
0.7
mA
Po=20mW
Optical Distance
X, ∆Y, ∆Z
-
-
±60
µ
m
-
1) Initial values
2) All above values are evaluated with QSI’s measuring apparatus
3) Full angle at half maximum
NOTICE : LD63H5S-A/B/C to be operated on APC
The above product specifications are subject to change without notice.


Similar Part No. - LD63H5S-A

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LD635-C220 ROITHNER-LD635-C220 Datasheet
156Kb / 2P
   Lasing Mode Structure: multi mode Peack Wavelength: typ. 633 nm Optical Ouput Power: 220 mW, CW Package: 9.0 mm, flat window
logo
Sensortechnics GmbH
LD63D4S-A SENSORTECHNICS-LD63D4S-A Datasheet
642Kb / 6P
   Laser Pointer
LD63D5S-A SENSORTECHNICS-LD63D5S-A Datasheet
1Mb / 6P
   Laser Pointer
LD63F5S-A SENSORTECHNICS-LD63F5S-A Datasheet
1Mb / 6P
   Laser Pointer
LD63G5S-A SENSORTECHNICS-LD63G5S-A Datasheet
326Kb / 4P
   Laser Pointer
More results

Similar Description - LD63H5S-A

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ADL-85501TL ROITHNER-ADL-85501TL Datasheet
107Kb / 1P
   Bar-code Scanner Laser printer Military
ADL-63102TRTL ROITHNER-ADL-63102TRTL Datasheet
395Kb / 2P
   Bar-code scanner Line maker, Leveler High visibility LD display
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com