Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HROM100P Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # HROM100P
Description  Precision compensated pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HROM100P Datasheet(HTML) 2 Page - Sensortechnics GmbH

  HROM100P Datasheet HTML 1Page - Sensortechnics GmbH HROM100P Datasheet HTML 2Page - Sensortechnics GmbH HROM100P Datasheet HTML 3Page - Sensortechnics GmbH HROM100P Datasheet HTML 4Page - Sensortechnics GmbH HROM100P Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HRO Series
Precision compensated pressure sensors
2/5
E / 11813 / B
www.first-sensor.com
www.sensortechnics.com
.
o
n
t
r
a
P
g
n
i
t
a
r
e
p
O
e
r
u
s
s
e
r
p
f
o
o
r
P
e
r
u
s
s
e
r
p
1
t
s
r
u
B
e
r
u
s
s
e
r
p
2
n
a
p
s
e
l
a
c
s
l
l
u
F
3
.
n
i
M.
p
y
T.
x
a
M
P
.
.
.
5
2
0
M
O
R
Hr
a
b
m
5
2r
a
b
m
0
0
2r
a
b
m
0
5
3V
m
6
.
9
1V
m
1
.
0
2V
m
6
.
0
2
P
.
.
.
0
5
0
M
O
R
Hr
a
b
m
0
5r
a
b
m
0
5
2r
a
b
m
0
5
7V
m
9
.
2
1V
m
5
0
.
3
1V
m
2
.
3
1
P
.
.
.
0
0
1
M
O
R
Hr
a
b
m
0
0
1r
a
b
m
0
0
5r
a
b
5
.
1V
m
8
.
5
2V
m
1
.
6
2V
m
4
.
6
2
P
.
.
.
0
5
2
M
O
R
Hr
a
b
m
0
5
2r
a
b
1r
a
b
7
.
1V
m
8
.
2
4V
m
5
.
3
4V
m
2
.
4
4
P
.
.
.
1
0
0
B
O
R
Hr
a
b
1r
a
b
3r
a
b
5V
m
1
.
6
8V
m
0
.
7
8V
m
0
.
8
8
P
.
.
.
2
0
0
B
O
R
Hr
a
b
2r
a
b
6r
a
b
0
1V
m
1
.
6
8V
m
0
.
7
8V
m
0
.
8
8
P
.
.
.
5
0
0
B
O
R
Hr
a
b
5r
a
b
7
1r
a
b
7
2V
m
8
.
1
7V
m
5
.
2
7V
m
2
.
3
7
P
.
.
.
0
1
0
B
O
R
Hr
a
b
0
1r
a
b
7
1r
a
b
7
2V
m
1
.
6
8V
m
0
.
7
8V
m
0
.
8
8
P
.
.
.
0
1
0
H
O
R
HH
n
i
0
1
2Oi
s
p
3i
s
p
5V
m
5
.
9
1V
m
0
2V
m
5
.
0
2
P
.
.
.
1
0
0
P
O
R
Hi
s
p
1i
s
p
3i
s
p
5V
m
8
.
7
1V
m
8
1V
m
2
.
8
1
P
.
.
.
5
0
0
P
O
R
Hi
s
p
5i
s
p
5
1i
s
p
5
2V
m
9
5V
m
0
6V
m
1
6
P
.
.
.
5
1
0
P
O
R
Hi
s
p
5
1i
s
p
5
4i
s
p
5
7V
m
9
8V
m
0
9V
m
1
9
P
.
.
.
0
3
0
P
O
R
Hi
s
p
0
3i
s
p
0
9i
s
p
0
5
1V
m
9
8V
m
0
9V
m
1
9
P
.
.
.
0
6
0
P
O
R
Hi
s
p
0
6i
s
p
0
8
1i
s
p
0
0
3V
m
9
8V
m
0
9V
m
1
9
P
.
.
.
0
0
1
P
O
R
Hi
s
p
0
0
1i
s
p
0
5
2i
s
p
0
0
4V
m
9
9V
m
0
0
1V
m
1
0
1
P
.
.
.
0
5
1
P
O
R
Hi
s
p
0
5
1i
s
p
0
5
2i
s
p
0
0
4V
m
9
8V
m
0
9V
m
1
9
PRESSURE SENSOR CHARACTERISTICS (V
S = 12 V, TA = 25°C, pressure applied to port P1)
.
o
n
t
r
a
P
g
n
i
t
a
r
e
p
O
e
r
u
s
s
e
r
p
f
o
o
r
P
e
r
u
s
s
e
r
p
1
t
s
r
u
B
e
r
u
s
s
e
r
p
2
n
a
p
s
e
l
a
c
s
l
l
u
F
3
.
n
i
M.
p
y
T.
x
a
M
H
.
.
.
0
1
0
M
O
R
Hr
a
b
m
0
1r
a
b
m
0
0
2r
a
b
m
0
5
3V
m
1
.
3
2V
m
1
.
5
2V
m
1
.
7
2
H
.
.
.
5
2
0
M
O
R
Hr
a
b
m
5
2r
a
b
m
0
0
2r
a
b
m
0
5
3V
m
1
.
9
1V
m
1
.
0
2V
m
1
.
1
2
H
.
.
.
0
5
0
M
O
R
Hr
a
b
m
0
5r
a
b
m
0
5
2r
a
b
m
0
5
7V
m
3
.
2
1V
m
5
0
.
3
1V
m
8
.
3
1
H
.
.
.
0
0
1
M
O
R
Hr
a
b
m
0
0
1r
a
b
m
0
0
5r
a
b
5
.
1V
m
6
.
4
2V
m
1
.
6
2V
m
6
.
7
2
H
.
.
.
0
5
2
M
O
R
Hr
a
b
m
0
5
2r
a
b
1r
a
b
7
.
1V
m
3
.
1
4V
m
5
.
3
4V
m
7
.
5
4
H
.
.
.
1
0
0
B
O
R
Hr
a
b
1r
a
b
3r
a
b
5V
m
2
.
2
8V
m
0
.
7
8V
m
9
.
1
9
H
.
.
.
2
0
0
B
O
R
Hr
a
b
2r
a
b
6r
a
b
0
1V
m
2
.
2
8V
m
0
.
7
8V
m
9
.
1
9
H
.
.
.
5
0
0
B
O
R
Hr
a
b
5r
a
b
7
1r
a
b
7
2V
m
9
.
8
6V
m
5
.
2
7V
m
1
.
6
7
H
.
.
.
0
1
0
B
O
R
Hr
a
b
0
1r
a
b
7
1r
a
b
7
2V
m
2
.
2
8V
m
0
.
7
8V
m
9
.
1
9
H
.
.
.
4
0
0
H
O
R
HH
n
i
4
2Oi
s
p
3i
s
p
5V
m
3
2V
m
5
2V
m
7
2
H
.
.
.
0
1
0
H
O
R
HH
n
i
0
1
2Oi
s
p
3i
s
p
5V
m
9
1V
m
0
2V
m
1
2
H
.
.
.
1
0
0
P
O
R
Hi
s
p
1i
s
p
3i
s
p
5V
m
7
1V
m
8
1V
m
9
1
H
.
.
.
5
0
0
P
O
R
Hi
s
p
5i
s
p
5
1i
s
p
5
2V
m
7
5V
m
0
6V
m
3
6
H
.
.
.
5
1
0
P
O
R
Hi
s
p
5
1i
s
p
5
4i
s
p
5
7V
m
5
8V
m
0
9V
m
5
9
H
.
.
.
0
3
0
P
O
R
Hi
s
p
0
3i
s
p
0
9i
s
p
0
5
1V
m
5
8V
m
0
9V
m
5
9
H
.
.
.
0
6
0
P
O
R
Hi
s
p
0
6i
s
p
0
8
1i
s
p
0
0
3V
m
5
8V
m
0
9V
m
5
9
H
.
.
.
0
0
1
P
O
R
Hi
s
p
0
0
1i
s
p
0
5
2i
s
p
0
0
4V
m
5
9V
m
0
0
1V
m
5
0
1
H
.
.
.
0
5
1
P
O
R
Hi
s
p
0
5
1i
s
p
0
5
2i
s
p
0
0
4V
m
5
8V
m
0
9V
m
5
9
HRO...P devices (Prime Grade)
HRO...H devices (High Grade)


Similar Part No. - HROM100P

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HROM100DTMH SENSORTECHNICS-HROM100DTMH Datasheet
107Kb / 5P
   Precision compensated pressure sensors
HROM100DTMP SENSORTECHNICS-HROM100DTMP Datasheet
107Kb / 5P
   Precision compensated pressure sensors
More results

Similar Description - HROM100P

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
   Precision compensated pressure sensors
RMOB001AND SENSORTECHNICS-RMOB001AND Datasheet
136Kb / 10P
   Precision compensated pressure sensors
logo
List of Unclassifed Man...
SCX01DN ETC1-SCX01DN Datasheet
209Kb / 10P
   Precision Compensated Pressure Sensors
logo
Sensortechnics GmbH
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
RCOB001A SENSORTECHNICS-RCOB001A Datasheet
102Kb / 5P
   Precision compensated pressure sensors
SCX01DN SENSORTECHNICS-SCX01DN Datasheet
366Kb / 10P
   Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com