Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBP4005 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # KBP4005
Description  High current capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

KBP4005 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  KBP4005 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. KBP4005 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
410
408
406
404
402
40
4005
005
version:01
ad Free: For RoHS / Lead Free Version
KBP
4
THRU KBP
410
Features
Maximum Ratings and Electrical Characteristics
· Glass passivated die construction
· Low forward voltage drop
· Marking: type number
· Le
· High current capability
· Mounting position: Any
For capacitive load, derate current by 20%.
· High surge current capability
· Plastic material-UL flammability 94V-
0
Rating at 25℃ ambient temperature unless otherwise specified.
Mechanical Data
· Case: KBP, molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
· Polarity: as marked on case
Single Phase, half wave, 60Hz, resistive or inductive load.
1 of 2
www.dyelec.com
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C..
SINGLE PHASE
4.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
SYMBOL
VRRM
VRWM
VDC
VRMS
VFM
RθJA
RθJL
TJ,TSTG
UNITS
V
V
TYPE NUMBER
Average Rectified Output Current (Note 1)
@TA=
50 ℃
Peak Repetitive Reverse Voltage
W orking Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
Peak Reverse Current
@TA=25℃
At Rated DC Blocking Voltage
@TA=125℃
RMS Reverse Voltage
℃/W
-55to+150
uA
Typical Thermal Resistance per leg (Note 2)
20
40
Operating and Storage Temperature Range
80
4.0
5.0
500
A
Forward Voltage per element
@IF=
4.0A
IO
IR
IFSM
A
1.1
V
(
)
0.144(3.65)
0.043(1.1)
0.581(14.75)
0.561(14.25)
0.402(10.2)
0.417(10.6)
0.087(2.2)
0.071(1.8)
0.563(14.3)
0.583(14.8)
0.056(1.42)
0.048(1.22)
0.16(4.06)
0.14(3.56)
0.034(0.86)
0.031(0.8)
0.132(3.35)
0.022(0.55)
0.012(0.3)
0.03(0.76)
KBP
Dimensions in inches and millimeters
1
35
50
700
560
420
280
140
70
600
400
KBP
KBP
KBP
KBP
KBP
KBP
1000
800
200
100
KBP


Similar Part No. - KBP4005

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
KBP4005 JUXING-KBP4005 Datasheet
386Kb / 2P
   BRIDGE RECTIFIERS
logo
Gaomi Xinghe Electronic...
KBP4005 GXELECTRONICS-KBP4005 Datasheet
469Kb / 2P
   Rectifier Reverse Voltage 50 to 1000V
logo
Shenzhen Yixinwei Techn...
KBP4005 YIXIN-KBP4005 Datasheet
323Kb / 2P
   BRIDGE RECTIFIERS
logo
SHIKUES Electronics
KBP4005 SKTECHNOLGY-KBP4005 Datasheet
604Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Guangdong Juxing Electr...
KBP4005 JUXING-KBP4005 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
More results

Similar Description - KBP4005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
logo
DIYI Electronic Technol...
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
   High current capability
logo
Vishay Siliconix
VS-VSKT570-16PBF VISHAY-VS-VSKT570-16PBF Datasheet
235Kb / 8P
   High current capability
Revision: 05-Dec-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com