Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT20100CK Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # SBT20100CK
Description  20A LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SBT20100CK Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SBT20100CK Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SBT20100CK Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SBT20100CK Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SBT20100CK Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. SBT20100CK Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 / 5
May.2015-REV.00
www.dyelec.com
SBT20100CT
SBT20100FCT
SBT20100CK
SBT20100CG
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
Percent of Rated Peak Reverse Voltage (%)
Fig.3 Typical Reverse Characteristics
VF, Forward Voltage (V)
Fig.4 Typical Forward Characteristics
TC, Case Temperature (°C)
Fig.1 Forward Current Derating Curve
VR, Reverse Bias Voltage (V)
Fig.2 Typical Junction Capacitance
RATING AND CHARACTERISTIC CURVES
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage per diode
VBR
I R=0.5mA
100
-
-
V
Instantaneous forward voltage per
diode
VF
I F=3A
I F=5A
I F=10A
TJ=25oC
-
-
-
0.4
2
0.5
8
0.
72
-
-
0.
80
V
I F=
1A
I F=5A
TJ=125oC
0.
32
0.
54
V
Reverse current per diode
I R
VR=
80V
-
5
-
A
VR=100V
TJ=25oC
TJ=125oC
-
-
-
7.2
50
-
A
mA
-
-
-
-
0
2.5
5
7.5
10
12.5
0
25
50
75
100
125
150
per diode
1
10
100
1000
110
100
per diode
0.001
0.01
0.1
1
10
100
20
30
40
50
60
70
80
90 100
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 150°C
per diode
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
per diode
T
J = 75°C
T
J = 125°C
T
J = 150°C
T
J = 25°C


Similar Part No. - SBT20100CK

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBT20100CT PANJIT-SBT20100CT Datasheet
196Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
logo
SUNMATE electronic Co.,...
SBT20100CT SUNMATE-SBT20100CT Datasheet
623Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SBT20100CT PANJIT-SBT20100CT_16 Datasheet
413Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
SBT20100CT_T0_00001 PANJIT-SBT20100CT_T0_00001 Datasheet
413Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SBT20100CK

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBP20L40CT DYELEC-SBP20L40CT Datasheet
3Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V45P DYELEC-SBP20V45P Datasheet
1Mb / 4P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20L100CT DYELEC-SBT20L100CT Datasheet
1Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20L60CT DYELEC-SBP20L60CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V40CT DYELEC-SBP20V40CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT30L200CT DYELEC-SBT30L200CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20L120CT DYELEC-SBT20L120CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20L200CT DYELEC-SBT20L200CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20L45CT DYELEC-SBP20L45CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V45CT DYELEC-SBP20V45CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com