Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5333 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N5333
Description  Bipolar PNP Device
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5333 Datasheet(HTML) 1 Page - Seme LAB

  2N5333 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N5333
Bipolar PNP Device.
V
CEO =
80V
I
C = 2A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
2
A
h
FE
@ 4/1 (V
CE / IC)
30
120
-
f
t
30M
Hz
P
D
1
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar PNP Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - 2N5333

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N5333 CENTRAL-2N5333 Datasheet
56Kb / 1P
   Small Signal Transistors
2N5333 CENTRAL-2N5333 Datasheet
157Kb / 2P
   PNP SILICON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5333 NJSEMI-2N5333 Datasheet
124Kb / 1P
   P-N-P SILICON POWER TRANSISTOR
logo
TT Electronics.
2N5333 TTELEC-2N5333 Datasheet
91Kb / 3P
   SILICON EPITAXIAL PLANAR PNP POWER TRANSISTOR
More results

Similar Description - 2N5333

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_BUX66 SEME-LAB-SF_BUX66 Datasheet
11Kb / 1P
   Bipolar PNP Device
SF_2N6468 SEME-LAB-SF_2N6468 Datasheet
10Kb / 1P
   Bipolar PNP Device
SF_BDX16A SEME-LAB-SF_BDX16A Datasheet
11Kb / 1P
   Bipolar PNP Device
BDX86 SEME-LAB-BDX86 Datasheet
11Kb / 1P
   Bipolar PNP Device
SF_2N6467 SEME-LAB-SF_2N6467 Datasheet
10Kb / 1P
   Bipolar PNP Device
SF_BDX66 SEME-LAB-SF_BDX66 Datasheet
11Kb / 1P
   Bipolar PNP Device
SF_2N4928 SEME-LAB-SF_2N4928 Datasheet
11Kb / 1P
   Bipolar PNP Device
2N5613 SEME-LAB-2N5613 Datasheet
11Kb / 1P
   Bipolar PNP Device
2N6227 SEME-LAB-2N6227 Datasheet
11Kb / 1P
   Bipolar PNP Device
SF_BDW52 SEME-LAB-SF_BDW52 Datasheet
11Kb / 1P
   Bipolar PNP Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com