Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UABS210 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # UABS210
Description  S INGLE PHASE 2.0 AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UABS210 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  UABS210 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UABS210 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30
version:01
2 of 2
2 4
2 0
6
1 2
8
4
50
100
150
0.00
0.
0.
.
1.
.
.
FIG.1 FORWARD CURRENT DERATING CURVE
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
MXIMUM NON-REPETITIVE
0
15
45
60
75
1
2
5
10
20
50
100
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG.3
AMBIENT TEMPERATURE (oC)
NUMBER OF CYCLES AT 60 Hz
UABS210
UABS22 THRU
0.01
0.1
1.0
10
FIG.2 TYPICAL FORWARD CHARACTERISTICS
T =25
PULSE WIDTH:300us
2% DUTY CYCLE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
A
200V
400V
600V-1000V
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
T =125
T =75
T =25
A
A
A
www.dyelec.com


Similar Part No. - UABS210

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UABS210 DYELEC-UABS210 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UABS210 ZSELEC-UABS210 Datasheet
90Kb / 2P
   ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UABS210 JUXING-UABS210 Datasheet
3Mb / 2P
   ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UABS210 YFWDIODE-UABS210 Datasheet
393Kb / 3P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Similar Description - UABS210

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UABS2U DYELEC-UABS2U Datasheet
1Mb / 2P
   S INGLE PHASE 1.0 AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UABS2U DYELEC-UABS2U_17 Datasheet
2Mb / 3P
   S INGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABF22 DYELEC-RABF22_17 Datasheet
4Mb / 3P
   SINGLE PHASE 2.0 AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABS22 DYELEC-RABS22_17 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0 AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
UABS152 DYELEC-UABS152 Datasheet
1Mb / 2P
   S ING LE PHASE 1.5 AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Components Intern...
GBP200 FCI-GBP200 Datasheet
162Kb / 2P
   2.0 Amp Glass passivated Single Phase Bridge
logo
DIYI Electronic Technol...
RABF2 DYELEC-RABF2_17 Datasheet
5Mb / 3P
   SINGLE PHASE 0.8 AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
EABS21 DYELEC-EABS21 Datasheet
1Mb / 2P
   SINGLE PHASE AMP SUPER FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W005G JGD-2W005G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Nanjing International G...
DB201G DGNJDZ-DB201G Datasheet
227Kb / 2P
   SINGLE PHASE 2.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com