Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT40L120CT Datasheet(PDF) 5 Page - DIYI Electronic Technology Co., Ltd.

Part # SBT40L120CT
Description  40A LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SBT40L120CT Datasheet(HTML) 5 Page - DIYI Electronic Technology Co., Ltd.

  SBT40L120CT Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SBT40L120CT Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SBT40L120CT Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SBT40L120CT Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. SBT40L120CT Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Important Notice and Disclaimer
Reproducing and modifying information of the document is prohibited without permission
from DIYI.
DIYI reserves the right to make changes to this document and its products and
specifications at any time without notice. Customers should obtain and confirm the
latest product information and specifications before final design, purchase or use.
DIYI disclaims any and all liability arising out of the application or use of
any product including damages incidentally and consequentially occurred.
DIYI does not assume any and all implied warranties, including warranties of fitness for
particular purpose, non-infringement and merchantability.
Applications shown on the herein document are examples of standard use and
operation. Customers are responsible in comprehending the suitable use in particular
applications.
DIYI makes no representation or warranty that such applications will be suitable for the
specified use without further testing or modification.
The products shown herein are not designed and authorized for equipmentsrequiring high
level of reliability or relating to human life and for any applications concerning life-saving
or life-sustaining, such as medical instruments, transportation equipment, aerospace
machinery et cetera. Customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify DIYI for any damages resulting from such
improper use or sale.
Since DIYI uses lot number as the tracking base, please provide the lot number for tracking
when complaining.
5 / 5
May.2015-REV.00
www.dyelec.com
SBT40L120CT
SBT40L120FCT
SBT40L120CK
SBT40L120CG


Similar Part No. - SBT40L120CT

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SBT40L120CT SUNMATE-SBT40L120CT Datasheet
959Kb / 2P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SBT40L120CT

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBP40V40CT DYELEC-SBP40V40CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBP40V45CT DYELEC-SBP40V45CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBT40L100CT DYELEC-SBT40L100CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBP40V60CT DYELEC-SBP40V60CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBR40L150CT DYELEC-SBR40L150CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBT40L200CT DYELEC-SBT40L200CT Datasheet
3Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
logo
SeCoS Halbleitertechnol...
SBL40U120F SECOS-SBL40U120F Datasheet
268Kb / 2P
   120V, 40A Low VF Trench Barrier Schottky Rectifier
SBL40U60 SECOS-SBL40U60 Datasheet
143Kb / 2P
   60V, 40A Low VF Planar MOS Barrier Schottky Rectifier
SBL40U60F SECOS-SBL40U60F Datasheet
159Kb / 2P
   60V, 40A Low VF Planar MOS Barrier Schottky Rectifier
logo
Pan Jit International I...
SB2045LCT PANJIT-SB2045LCT Datasheet
174Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com