Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT80N85-TU Datasheet(PDF) 5 Page - DIYI Electronic Technology Co., Ltd.

Part # DMT80N85-TU
Description  85V N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DMT80N85-TU Datasheet(HTML) 5 Page - DIYI Electronic Technology Co., Ltd.

  DMT80N85-TU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DMT80N85-TU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DMT80N85-TU Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DMT80N85-TU Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. DMT80N85-TU Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. DMT80N85-TU Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. DMT80N85-TU Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TYPICAL CHARACTERISTICS
85V N-Channel Power MOSFET
80N85
5 / 7
May.2015-REV.00
www.dyelec.com
Vds Drain-Source Voltage (V)
Figure 7 Capacitance vs Vds
Vds Drain-Source Voltage (V)
Figure 8 Safe Operation Area
TJ-Junction Temperature(℃)
Figure 9 BVDSS vs Junction Temperature
TJ-Junction Temperature(℃)
Figure 10 VGS(th) vs Junction Temperature
Square Wave Pluse Duration(sec)
Figure 11 Normalized Maximum Transient Thermal Impedance


Similar Part No. - DMT80N85-TU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8008LFG DIODES-DMT8008LFG Datasheet
415Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
DMT8008LFG-13 DIODES-DMT8008LFG-13 Datasheet
415Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
DMT8008LFG-7 DIODES-DMT8008LFG-7 Datasheet
415Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
DMT8008SPS DIODES-DMT8008SPS Datasheet
382Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 3 - 2
DMT8008SPS-13 DIODES-DMT8008SPS-13 Datasheet
382Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 3 - 2
More results

Similar Description - DMT80N85-TU

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
CS64N90 THINKISEMI-CS64N90 Datasheet
905Kb / 5P
   85V,92A N-Channel Trench Process Power MOSFET
EZ8590 THINKISEMI-EZ8590 Datasheet
1Mb / 5P
   85V,92A N-Channel Trench Process Power MOSFETs
CS64N12 THINKISEMI-CS64N12 Datasheet
1Mb / 6P
   85V,120A N-Channel Trench Process Power MOSFETs
TSP85H12 THINKISEMI-TSP85H12 Datasheet
2Mb / 6P
   85V,120A N-Channel Trench Process Power MOSFETs
TSP8592 THINKISEMI-TSP8592 Datasheet
1Mb / 5P
   85V,92A N-Channel Trench Process Power MOSFETs
logo
Shenzhen Foster Semicon...
FIR120N085PG FOSTER-FIR120N085PG Datasheet
1Mb / 7P
   85V N-C hannel MOSFET-T
logo
Thinki Semiconductor Co...
IRFB3607PBF THINKISEMI-IRFB3607PBF Datasheet
1Mb / 7P
   ThinkiSemi 85V,92A N-Channel Trench Process Power MOSFETs
logo
MORE Semiconductor Comp...
MSN0980K MORESEMI-MSN0980K Datasheet
484Kb / 6P
   85V(D-S) N-Channel Enhancement Mode Power MOS FET
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
   85V Half-Bridge MOSFET Drivers
logo
Mospec Semiconductor
2SD613 MOSPEC-2SD613 Datasheet
132Kb / 3P
   POWER TRANSISTORS(6A,85V,40W)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com