Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT10V100CK Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SBT10V100CK
Description  10A LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SBT10V100CK Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SBT10V100CK Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SBT10V100CK Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SBT10V100CK Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SBT10V100CK Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. SBT10V100CK Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBT10V100CT
SBT10V100FCT
SBT10V100CK
SBT10V100CG
10A LOW VF SCHOTTKY RECTIFIER
Features
Ultra Low Forward Voltage Drop
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
Mechanical Data
Case: TO-220AB, ITO-220AB,TO-262AB,TO-263AB
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
1 / 5
May.2015-REV.00
www.dyelec.com
Ordering Information
Part No.
Package
Packing
TO-220AB
50pcs / Tube
SBT10V100CT
ITO-220AB
50pcs / Tube
SBT10V100FCT
TO-262AB
50pcs / Tube
SBT10V100CK
TO-263AB
50pcs / Tube
SBT10V100CG
TO-263AB
800pcs / Reel
SBT10V100CG
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
Note : 1. Mounted on infinite heatsink.
PARAMETER
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum average forward rectified current
per diode
per device
I F(AV)
10
5
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load
per diode
I FSM
150
A
Typical junction capacitance (VR=4V, f=1MHz)
CJ
620
pF
Typical thermal resistance per diode
(Note 1)
RJC
15
o
C/W
Operating junction temperature range
TJ
-55 to + 150
o
C
Storage temperature range
TSTG
-55 to + 150
o
C
Maximum rms voltage
VRMS
70
V


Similar Part No. - SBT10V100CK

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBT10V120CG DYELEC-SBT10V120CG Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBT10V120CK DYELEC-SBT10V120CK Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBT10V120CT DYELEC-SBT10V120CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBT10V120FCT DYELEC-SBT10V120FCT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SBT10V100CK

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBT10V120CT DYELEC-SBT10V120CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10L300CT DYELEC-SBP10L300CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10L40CT DYELEC-SBP10L40CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10V45CT DYELEC-SBP10V45CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10L45CT DYELEC-SBP10L45CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBT10120CT DYELEC-SBT10120CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBT10L200CT DYELEC-SBT10L200CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBT20L150CT DYELEC-SBT20L150CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10L100CT DYELEC-SBP10L100CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10V60CT DYELEC-SBP10V60CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com