Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG10N60-TR Datasheet(PDF) 4 Page - DIYI Electronic Technology Co., Ltd.

Part # DMG10N60-TR
Description  600V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DMG10N60-TR Datasheet(HTML) 4 Page - DIYI Electronic Technology Co., Ltd.

  DMG10N60-TR Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DMG10N60-TR Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DMG10N60-TR Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DMG10N60-TR Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. DMG10N60-TR Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. DMG10N60-TR Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. DMG10N60-TR Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. DMG10N60-TR Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd. DMG10N60-TR Datasheet HTML 9Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 / 9
TEST CIRCUITS AND WAVEFORMS(Cont.)
600V N-Channel Power MOSFET
Jan.2015-REV.00
www.sddydz.com
May.2015-REV.00
www.dyelec.com
10N60
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
Switching Test Circuit
Switching Waveforms
10V
Charge
QGS
QGD
QG
VGS
Gate Charge Test Circuit
Gate Charge Waveform
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - DMG10N60-TR

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DMG10N60-TR DYELEC-DMG10N60-TR Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
More results

Similar Description - DMG10N60-TR

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60B JIANGSU-CJD04N60B Datasheet
756Kb / 4P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com