Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR40L150CG Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # SBR40L150CG
Description  40A LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SBR40L150CG Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SBR40L150CG Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SBR40L150CG Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SBR40L150CG Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SBR40L150CG Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. SBR40L150CG Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 / 5
Sep.2015-REV.00
www.dyelec.com
SBR40L150CT
SBR40L150FCT
SBR40L150CK
SBR40L150CG
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Breakdown voltage per
diode
VBR
IR=0.5mA
TJ=25oC
150
-
-
V
Instantaneous forward
voltage per diode
VF
IF=5A
IF=10A
IF=20A
TJ=25oC
-
-
-
0.65
0.75
0.81
-
-
0.87
V
IF=5A
IF=10A
TJ=125oC
-
-
0.54
0.64
-
-
V
Reverse current per
diode
IR
VR=120V
TJ=25oC
-
6.0
-
A
VR=150V
TJ=25oC
TJ=125oC
-
-
-
4.1
50
-
A
mA
TC, Case Temperature (°C)
0.001
0.01
0.1
1
10
100
10 20 30 40 50 60 70 80 90 100
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C
Fig.3 Typical Reverse Characteristics
VF, Forward Voltage (V )
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
VR, Reverse Bias Voltage (V)
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
TJ = 150°C
TJ = 125°C
TJ = 25°C
TJ = 75°C
per diode
per diode
Percent of Rated Peak Reverse Voltage (%)
0
5
10
15
20
25
0
25
50
75
100
125
150
per diode
1
10
100
1000
10000
110
100
per diode


Similar Part No. - SBR40L150CG

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR40100 SECOS-SBR40100 Datasheet
158Kb / 2P
   VOLTAGE 100 V 40.0 Amp Schottky Barrier Rectifiers
SBR40100 SECOS-SBR40100 Datasheet
68Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBR40100CT DIODES-SBR40100CT Datasheet
179Kb / 3P
   40A SBR Super Barrier Rectifier
SBR40100 Rev. 2
SBR40100CTFP DIODES-SBR40100CTFP Datasheet
179Kb / 3P
   40A SBR Super Barrier Rectifier
SBR40100 Rev. 2
logo
List of Unclassifed Man...
SBR40100PT ETC1-SBR40100PT Datasheet
79Kb / 2P
   Super barrier rectifier
More results

Similar Description - SBR40L150CG

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBT40L120CT DYELEC-SBT40L120CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBP40V40CT DYELEC-SBP40V40CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBP40V45CT DYELEC-SBP40V45CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBT40L100CT DYELEC-SBT40L100CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBP40V60CT DYELEC-SBP40V60CT Datasheet
2Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
SBT40L200CT DYELEC-SBT40L200CT Datasheet
3Mb / 5P
   40A LOW VF SCHOTTKY RECTIFIER
logo
SeCoS Halbleitertechnol...
SBL40U120F SECOS-SBL40U120F Datasheet
268Kb / 2P
   120V, 40A Low VF Trench Barrier Schottky Rectifier
SBL40U60 SECOS-SBL40U60 Datasheet
143Kb / 2P
   60V, 40A Low VF Planar MOS Barrier Schottky Rectifier
SBL40U60F SECOS-SBL40U60F Datasheet
159Kb / 2P
   60V, 40A Low VF Planar MOS Barrier Schottky Rectifier
logo
Pan Jit International I...
SB2045LCT PANJIT-SB2045LCT Datasheet
174Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com