Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG7N70-TR Datasheet(PDF) 4 Page - DIYI Electronic Technology Co., Ltd.

Part # DMG7N70-TR
Description  700V N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DMG7N70-TR Datasheet(HTML) 4 Page - DIYI Electronic Technology Co., Ltd.

  DMG7N70-TR Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DMG7N70-TR Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DMG7N70-TR Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DMG7N70-TR Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. DMG7N70-TR Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. DMG7N70-TR Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. DMG7N70-TR Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
700V N-Channel Power MOSFET
7N70
4 / 7
May.2015-REV.00
www.dyelec.com
TYPICAL CHARACTERISTICS
1
0.1
0.2
Source-Drain Voltage, VSD (V)
On State Current vs.
Allowable Case Temperature
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
10
150℃
25℃
Notes:
1.
1. GS=0V
2. 250µs Test
Notes:
1. θJC (t) = 0.88℃/W Max.
2. Duty Factor, D=t1/t2
3. TJM-TC=PDM×θJC (t)
1
0.1
0.01
1E-5 1E-4 1E-3 0.01 0.1
1
10
Square Wave Pulse Duration, t1 (sec)
Transient Thermal Response Curve


Similar Part No. - DMG7N70-TR

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DMG7N70L-TR DYELEC-DMG7N70L-TR Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
DMG7N70L-TU DYELEC-DMG7N70L-TU Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
More results

Similar Description - DMG7N70-TR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
   700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
   700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
logo
Unisonic Technologies
10N70Z UTC-10N70Z Datasheet
209Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
5N70K UTC-5N70K Datasheet
211Kb / 6P
   5A, 700V N-CHANNEL POWER MOSFET
4N70K UTC-4N70K Datasheet
250Kb / 6P
   4.4A, 700V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ12N70 DGNJDZ-NJ12N70 Datasheet
1,009Kb / 9P
   12A 700V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com