Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR30L150CG Datasheet(PDF) 3 Page - DIYI Electronic Technology Co., Ltd.

Part # SBR30L150CG
Description  30A LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SBR30L150CG Datasheet(HTML) 3 Page - DIYI Electronic Technology Co., Ltd.

  SBR30L150CG Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SBR30L150CG Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SBR30L150CG Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SBR30L150CG Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. SBR30L150CG Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Package Outline Dimensions
3 / 5
Sep.2015-REV.00
www.dyelec.com
SBR30L150CT
SBR30L150FCT
SBR30L150CK
SBR30L150CG


Similar Part No. - SBR30L150CG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SBR30 SEMTECH-SBR30 Datasheet
69Kb / 2P
   STANDARD RECOVERY 1-PHASE SILICON BRIDGE RECTIFIERS
logo
Sanyo Semicon Device
SBR30016JS SANYO-SBR30016JS Datasheet
54Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 30A Rectifier
logo
SeCoS Halbleitertechnol...
SBR30100 SECOS-SBR30100 Datasheet
159Kb / 2P
   VOLTAGE 100 V 30.0 Amp Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBR30100CT DIODES-SBR30100CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30100 Rev. 2
logo
Sangdest Microelectroni...
SBR30100CT SMC-SBR30100CT Datasheet
169Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - SBR30L150CG

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBP30L45CT DYELEC-SBP30L45CT Datasheet
2Mb / 5P
   30A LOW VF SCHOTTKY RECTIFIER
SBP30V40CT DYELEC-SBP30V40CT Datasheet
3Mb / 5P
   30A LOW VF SCHOTTKY RECTIFIER
SBP30V60CT DYELEC-SBP30V60CT Datasheet
1Mb / 5P
   30A LOW VF SCHOTTKY RECTIFIER
SBT30L100CT DYELEC-SBT30L100CT Datasheet
1Mb / 5P
   30A LOW VF SCHOTTKY RECTIFIER
SBT30V100CS DYELEC-SBT30V100CS Datasheet
1Mb / 4P
   30A LOW VF SCHOTTKY RECTIFIER
SBP30L40CT DYELEC-SBP30L40CT Datasheet
2Mb / 5P
   30A LOW VF SCHOTTKY RECTIFIER
SBP30V45CT DYELEC-SBP30V45CT Datasheet
3Mb / 5P
   30A LOW VF SCHOTTKY RECTIFIER
SBP30V50CT DYELEC-SBP30V50CT Datasheet
1Mb / 5P
   30A LOW VF SCHOTTKY RECTIFIER
SBP30L60CT DYELEC-SBP30L60CT Datasheet
1Mb / 5P
   SBP30L60CG 30A LOW VF SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SBL30L30CT DIODES-SBL30L30CT_15 Datasheet
90Kb / 3P
   30A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com