Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG6N60-TU Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # DMG6N60-TU
Description  600V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DMG6N60-TU Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  DMG6N60-TU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DMG6N60-TU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DMG6N60-TU Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DMG6N60-TU Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. DMG6N60-TU Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. DMG6N60-TU Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. DMG6N60-TU Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. DMG6N60-TU Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6N60
1 / 8
May.2015-REV.00
www.dyelec.com
1. Gate
2. Drain
3. Source
Pin Definition:
PRODUCT SUMMARY
VDS (V)
RDS(on)(Ω)
Current(A)
600
1.5 @ VGS =10V
6
600V N-Channel Power MOSFET
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
RDS(ON)<1.5Ω @ VGS=10V
Fast switching capability
Low gate charge
Lead free in compliance with EU RoHS directive.
Green molding compound
Block Diagram
Ordering Information
Case: TO-220,ITO-220,TO-262,TO-263 Package
D
G
S
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
6
00
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
6
A
Continuous Drain Current
ID
6
A
Pulsed Drain Current (Note 2)
IDM
24.8
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
440
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
ns
Power Dissipation
TO-220/TO-262/TO-263
PD
1
25
W
ITO-220
4
2
W
TO-251/TO-252
55
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L = 25mH, IAS = 6A, VDD = 90V, RG = 25 Ω, Starting TJ = 25°C
4. ISD ≤ 6.2A, di/dt ≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
Part No.
Package
Packing
DMT6N60-TU
TO-220
50pcs / Tube
DMF6N60-TU
ITO-220
50pcs / Tube
DMK6N60-TU
TO-262
50pcs / Tube
DMG6N60-TU
TO-263
50pcs / Tube
DMG6N60-TR
TO-263
800pcs / 13" Reel


Similar Part No. - DMG6N60-TU

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DMG6N65-TR DYELEC-DMG6N65-TR Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
DMG6N65-TU DYELEC-DMG6N65-TU Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
More results

Similar Description - DMG6N60-TU

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60B JIANGSU-CJD04N60B Datasheet
756Kb / 4P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com