Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG3KB20G Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # UG3KB20G
Description  SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UG3KB20G Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  UG3KB20G Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UG3KB20G Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KB05G THRU UG
version: 01
80
0
KB100G
UG3
3
2 of 2
www.dyelec.com
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
VF , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical l Forward Characteristics (per leg)
T= 25°C
Pulse Width = 300µs
A
0.4
0.8
1.2
1.6
1
10
100
1
100
T= 25°C
f = 1.0MHz
0
2
40
60
1.0
10
NUMBER OF CYCLES AT 60 Hz
TA = 25°C
Single Half Sine-Wave
Pulse Width = 8.3ms
(JEDEC Method)
1
10
100
1
100
10
REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance Per Diode
T= 25°C
f = 1.0MHz
J
Fig. 3 Maximum Peak Forward Surge Current (per leg)
.5T
0.01
0.1
1.0
10
100
0
20
40
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig
ypical Reverse Characteristics (per element)
T = 25 C
°
T = 125 C
°
J
J
3.0
2.4
1.2
1.8
0
0.6
0
40
80
120
160
TA, AMBIENT TEMPERATURE (°C)
Fig. 1 Output Current Derating Curve
Resistive or Inductive Load
With Heat sink
Without Heat sink


Similar Part No. - UG3KB20G

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
UG3KB20G CHENDA-UG3KB20G Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
UG3KB20G CHENDA-UG3KB20G Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
logo
SMC Diode Solutions Co....
UG3KB20G SMCDIODE-UG3KB20G Datasheet
362Kb / 5P
   Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. -
More results

Similar Description - UG3KB20G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UG3KB05T DYELEC-UG3KB05T Datasheet
421Kb / 2P
   SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KBP3005G SMCDIODE-KBP3005G Datasheet
310Kb / 5P
   SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
logo
DIYI Electronic Technol...
UG3KB05 DYELEC-UG3KB05 Datasheet
397Kb / 2P
   SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
HBS302 SMCDIODE-HBS302 Datasheet
569Kb / 5P
   Glass Passivated Single-Phase 3.0Amp Surface Mount Bridge Rectifier
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com