Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K12SBSYE01.53NOOLFTX Datasheet(PDF) 3 Page - C&K Components

Part # K12SBSYE01.53NOOLFTX
Description  High Performance SMT Key Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

K12SBSYE01.53NOOLFTX Datasheet(HTML) 3 Page - C&K Components

  K12SBSYE01.53NOOLFTX Datasheet HTML 1Page - C&K Components K12SBSYE01.53NOOLFTX Datasheet HTML 2Page - C&K Components K12SBSYE01.53NOOLFTX Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTION
CODE
OPERATING FORCE
3N
3N
5N
5N
6N
6N
9N
9N
4/8N
4/8N (double step actuation)
6/12N
6/12N (double step actuation)
B
B
A
A
12
3,5
4
24
2
1,5
13,63
0.5
DIRECTION OF FEED
SECTION B-B
SECTION A-A
Single NO
+ LED
Single NC
+ LED
Double NO
Double NC
Single NO
Single NC
OPTION
CODE
LED COLOR
No LED
YE0
Yellow
RD0
Red
GN0
Green
OR0
Orange
WH0
White
AM0
Amber
D
D–8
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
K12S
High Performance SMT Key Switches
1.5 1.5 mm
LED COLOR
TRAVEL
OPERATING FORCE
L LED version
D DPST version
CONTACT ARRANGEMENT
O
Normally open (SPST and LED versions)
C
Normally closed (SPST and LED versions)
OO
2 Normally open (DPST version)
OPTION
S SPST version
TAPE AND REEL
CC
2 Normally closed (DPST version)
OC(1) 1 Normally open/ 1 Normally closed (DPST)
(1) Please contact Technical support for this configuration
using the “Ask a Specialist”option on the K12S product web page.


Similar Part No. - K12SBSYE01.53NOOLFTX

ManufacturerPart #DatasheetDescription
logo
C&K Components
K12S CK-COMPONENTS-K12S Datasheet
614Kb / 6P
   High Performance SMT Key Switches (Cold White)
23 Jun 22
K12SD CK-COMPONENTS-K12SD Datasheet
304Kb / 3P
   High Performance SMT Detect Switches
3 May 21
K12S CK-COMPONENTS-K12S_V01 Datasheet
614Kb / 6P
   High Performance SMT Key Switches (Cold White)
23 Jun 22
More results

Similar Description - K12SBSYE01.53NOOLFTX

ManufacturerPart #DatasheetDescription
logo
C&K Components
K12S CK-COMPONENTS-K12S_V01 Datasheet
614Kb / 6P
   High Performance SMT Key Switches (Cold White)
23 Jun 22
logo
ITT Industries
K12115NOD ITT-K12115NOD Datasheet
310Kb / 6P
   High Performance Key Switches
logo
C&K Components
K12 CK-COMPONENTS-K12 Datasheet
279Kb / 6P
   High Performance Key Switches
K12 CK-COMPONENTS-K12_V01 Datasheet
563Kb / 6P
   High Performance Key Switches
14 Jan 22
K12SD CK-COMPONENTS-K12SD Datasheet
304Kb / 3P
   High Performance SMT Detect Switches
3 May 21
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
   Key Switches
logo
ITT Industries
K6B1.53N ITT-K6B1.53N Datasheet
197Kb / 3P
   Miniature Key Switches
logo
C&K Components
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
   Miniature Key Switches
K12D CK-COMPONENTS-K12D Datasheet
192Kb / 2P
   High Performance Detect Switches
3 May 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com