Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7720FD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7720FD
Description  ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7720FD Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7720FD Datasheet HTML 2Page - Texas Instruments ISO7720FD Datasheet HTML 3Page - Texas Instruments ISO7720FD Datasheet HTML 4Page - Texas Instruments ISO7720FD Datasheet HTML 5Page - Texas Instruments ISO7720FD Datasheet HTML 6Page - Texas Instruments ISO7720FD Datasheet HTML 7Page - Texas Instruments ISO7720FD Datasheet HTML 8Page - Texas Instruments ISO7720FD Datasheet HTML 9Page - Texas Instruments ISO7720FD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
ISO7720, ISO7721
SLLSEP3A – NOVEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO7720 ISO7721
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications.
(2)
This coupler is suitable for safe electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured by
means of suitable protective circuits.
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier tied together creating a two-terminal device.
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
DW-16
D-8
CLR
External clearance (1)
Shortest terminal-to-terminal distance through air
8
4
mm
CPG
External creepage (1)
Shortest terminal-to-terminal distance across the
package surface
8
4
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
21
21
μm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112; UL
746A
> 600
> 600
V
Material group
According to IEC 60664-1
I
I
Overvoltage category per IEC 60664-1
Rated mains voltage
≤ 150 VRMS
I–IV
I–IV
Rated mains voltage
≤ 300 VRMS
I–IV
I–III
Rated mains voltage
≤ 600 VRMS
I–IV
n/a
Rated mains voltage
≤ 1000 VRMS
I–III
n/a
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 (2)
VIORM
Maximum repetitive peak isolation voltage AC voltage (bipolar)
1414
637
VPK
VIOWM
Maximum working isolation voltage
AC voltage; Time dependent dielectric breakdown
(TDDB) test
1000
450
VRMS
DC voltage
1414
637
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM
t = 60 s (qualification)
t = 1 s (100% production)
8000
4242
VPK
VIOSM
Maximum surge isolation voltage (3)
Test method per IEC 60065, 1.2/50 µs waveform,
VTEST = 1.6 × VIOSM (qualification)
8000
5000
VPK
qpd
Apparent charge (4)
Method a, After Input/Output safety test subgroup
2/3,
Vini = VIOTM, tini = 60 s; Vpd(m) = 1.2 × VIORM, tm =
10 s
≤5
≤5
pC
Method a, After environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s; Vpd(m) = 1.6 × VIORM, tm =
10 s
≤5
≤5
Method b1; At routine test (100% production) and
preconditioning (type test)
Vini = VIOTM, tini = 1 s; Vpd(m) = 1.875 × VIORM, tm =
1 s
≤5
≤5
CIO
Barrier capacitance, input to output(5)
VIO = 0.4 × sin (2πft), f = 1 MHz
~0.5
~0.5
pF
RIO
Isolation resistance(5)
VIO = 500 V, TA = 25°C
>1012
>1012
VIO = 500 V, 100°C ≤ TA ≤ 125°C
>1011
>1011
VIO = 500 V at TS = 150°C
>109
>109
Pollution degree
2
2
Climatic category
55/125/21
5/125/21
UL 1577
VISO
Withstanding isolation voltage
VTEST = VISO, t = 60 s(qualification);
VTEST = 1.2 × VISO, t = 1 s (100% production)
5000
3000
VRMS


Similar Part No. - ISO7720FD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720FD TI1-ISO7720FD Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720FDR TI1-ISO7720FDR Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720FDW TI1-ISO7720FDW Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720FDWR TI1-ISO7720FDWR Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720FDWV TI1-ISO7720FDWV Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
More results

Similar Description - ISO7720FD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720_18 Datasheet
2Mb / 42P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1 Datasheet
582Kb / 33P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com