Part Name
         Description
PI7C8152A

 ENHANCED 2- PORT TO PCI BRIDGE INTEL 21152 COMPORISON ( 3 Page)


PERICOM
100% 
Zoom Out Zoom In
   
 1 page
background image
PI7C8152A
ENHANCED 2-PORT PCI-to-PCI BRIDGE
INTEL 21152 COMPARISON
PERICOM SEMICONDUCTOR
Revision 1.1 – JUNE 2004
Page 1 of 3
FEATURE COMPARISON: PI7C8152A vs. INTEL 21152
Features:
Feature
Pericom PI7C8152A
Intel 21152
Interfaces
! Complies with the following specifications:
PCI Local Bus Specification
PCI-to-PCI Bridge Specification
PCI Bus Power Management Interface Specification
! 3.3V and 5V signaling environments
! Concurrent primary and secondary bus operations
! 66MHz support
Revision 2.2
Revision 1.1
Revision 1.0
yes
yes
yes
Revision 2.2
Revision 1.1
Revision 1.0
yes
yes
no
Memory Buffer Architecture
! Dynamic Prefetching Control
! Posted memory write commands in each direction
! Read data buffer in each direction
yes
128 bytes
256 bytes
no
88 bytes
72 bytes
Bus Arbitration
! Programmable internal arbiter for the secondary bus
with support for up to 4 external masters
! Disable control for use of an external arbiter
yes
yes
yes
yes
IEEE 1149.1 JTAG port
! Available boundary scan testing
no
no
Packaging
! 160-pin QFP
! Extended commercial temp range: 0°C to 85°C
yes
yes
yes
no (0°C to 70°C)
Pin differences (160-pin QFP):
pin number
Pericom PI7C8152A
Intel 21152
62
SCAN_EN
NAND_OUT
63
SCAN_TM_L
GOZ_L
Register differences:
Pericom PI7C8152A
Intel 21152
Vendor ID
12D8h
1011h
Device ID
8152h
0024h



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PI7C8140A2 PORT PCI TO PCI BRIDGE PLX PCI 6140 COMPARISON 1 2 3 Pericom Semiconductor Corporation
PI7C8154B2 PORT 64 BIT 66MHZ PCI TO PCI BRIDGE 1 2 3 Pericom Semiconductor Corporation
SLC90E66Victory66 Enhanced PCI South Bridge with Ultra ATA/66 IDE Controller 1 2 3 4 5 MoreSMSC Corporation
OX9160PCI Peripheral Bridge with EPP Parallel Port & 8/32 bit local bus 1 2 3 4 5 MoreOxford Semiconductor
SCANSTA111Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 JTAG Port 1 2 3 4 5 MoreNational Semiconductor
MTD658E5/8 Port 10/100 Hub Build_in Bridge And Memory 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PI7C71003-Port PCI Bridge 1 2 3 4 5 MorePericom Semiconductor Corporation
PI6C410MClock Generator for Intel PCI Express Mobile Chipset 1 2 3 4 5 MorePericom Semiconductor Corporation
XIO2200APCI Express to PCI Bus Translation Bridge with 1394a OHCI and Two-Port PHY 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl