Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMK042CG270JC-W Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # TMK042CG270JC-W
Description  Standard packaging quantity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TMK042CG270JC-W Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  TMK042CG270JC-W Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc TMK042CG270JC-W Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
16CDD02
RoHS compliance product
○TMK042CG270JC
25V 0402 CG/C0G 27pF +/- 5% t=0.22mmMAX
25V 01005 CG/C0G 27pF +/- 5% t=0.009inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
1
10
100
1000
1
10
100
1000
10000 100000
Frequency[MHz]
TMK042CG270JC
Ca pa cita nce Freq.
-10
-5
0
5
10
0
5
10
15
20
25
DC Bia s Volta ge[V]
TMK042CG270JC
DC Bia s Cha r.
0.01
0.1
1
10
100
1000
10000
100000
1000000
1
10
100
1000
10000 100000
Frequency[MHz]
TMK042CG270JC
Impeda nce,ESR Freq.
ESR
Z
-10
-5
0
5
10
-55 -35 -15
5
25
45
65
85 105 125
Tempera ture[degreeC]
TMK042CG270JC
Ca pa cita nce Temp.


Similar Part No. - TMK042CG270JC-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK042CG200JC-W TAIYO-YUDEN-TMK042CG200JC-W Datasheet
286Kb / 2P
   Standard packaging quantity
TMK042CG220JC-W TAIYO-YUDEN-TMK042CG220JC-W Datasheet
286Kb / 2P
   Standard packaging quantity
TMK042CG240JC-W TAIYO-YUDEN-TMK042CG240JC-W Datasheet
286Kb / 2P
   Standard packaging quantity
TMK042CG2R1AD-W TAIYO-YUDEN-TMK042CG2R1AD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
TMK042CG2R1BD-W TAIYO-YUDEN-TMK042CG2R1BD-W Datasheet
286Kb / 2P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
More results

Similar Description - TMK042CG270JC-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG1R3AD-W TAIYO-YUDEN-EMK042CG1R3AD-W Datasheet
287Kb / 2P
   Standard packaging quantity
TMK042CG4R1CD-W TAIYO-YUDEN-TMK042CG4R1CD-W Datasheet
287Kb / 2P
   Standard packaging quantity
HMK105CG560JV-F TAIYO-YUDEN-HMK105CG560JV-F Datasheet
315Kb / 2P
   Standard packaging quantity
HMK325C7475MN-TE TAIYO-YUDEN-HMK325C7475MN-TE Datasheet
331Kb / 2P
   Standard packaging quantity
JMK021BJ103KK-W TAIYO-YUDEN-JMK021BJ103KK-W Datasheet
289Kb / 2P
   Standard packaging quantity
EMK042CG5R8CD-W TAIYO-YUDEN-EMK042CG5R8CD-W Datasheet
286Kb / 2P
   Standard packaging quantity
EMK042CG1R5AD-W TAIYO-YUDEN-EMK042CG1R5AD-W Datasheet
287Kb / 2P
   Standard packaging quantity
TMK021CG060DK-W TAIYO-YUDEN-TMK021CG060DK-W Datasheet
285Kb / 2P
   Standard packaging quantity
TMK021CG030BK-W TAIYO-YUDEN-TMK021CG030BK-W Datasheet
285Kb / 2P
   Standard packaging quantity
GMK325BJ106MMHP TAIYO-YUDEN-GMK325BJ106MMHP Datasheet
311Kb / 2P
   Standard packaging quantity
HMJ107AB7102MAHT TAIYO-YUDEN-HMJ107AB7102MAHT Datasheet
287Kb / 2P
   Standard packaging quantity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com