Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB026N06N Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPB026N06N
Description  OptiMOSTM Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB026N06N Datasheet(HTML) 6 Page - Infineon Technologies AG

  IPB026N06N Datasheet HTML 1Page - Infineon Technologies AG IPB026N06N Datasheet HTML 2Page - Infineon Technologies AG IPB026N06N Datasheet HTML 3Page - Infineon Technologies AG IPB026N06N Datasheet HTML 4Page - Infineon Technologies AG IPB026N06N Datasheet HTML 5Page - Infineon Technologies AG IPB026N06N Datasheet HTML 6Page - Infineon Technologies AG IPB026N06N Datasheet HTML 7Page - Infineon Technologies AG IPB026N06N Datasheet HTML 8Page - Infineon Technologies AG IPB026N06N Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IPB026N06N
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=100 A; V GS=10 V
V GS(th)=f(T j); V GS=V DS
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ
max
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-60
-20
20
60
100
140
180
T
j [°C]
75 µA
750 µA
0
1
2
3
4
5
-60
-20
20
60
100
140
180
T
j [°C]
Ciss
Coss
Crss
101
102
103
104
10
100
1000
10000
0
20
40
60
V
DS [V]
25 °C
175 °C
100
101
102
103
0
0.5
1
1.5
2
V
SD [V]
Rev.2.2
page 6
2012-12-20


Similar Part No. - IPB026N06N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB026N06N INFINEON-IPB026N06N Datasheet
1,021Kb / 2P
   New OptiMOS??40V and 60V
07 / 2012
logo
Inchange Semiconductor ...
IPB026N06N ISC-IPB026N06N Datasheet
243Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPB026N06N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD053N06N INFINEON-IPD053N06N Datasheet
498Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
BSZ068N06NS INFINEON-BSZ068N06NS Datasheet
697Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
BSC014N06NS INFINEON-BSC014N06NS_13 Datasheet
556Kb / 10P
   OptiMOSTM Power-Transistor
Rev.2.1 2013-01-29
IPB057N06N INFINEON-IPB057N06N Datasheet
614Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
BSC097N06NS INFINEON-BSC097N06NS Datasheet
489Kb / 10P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
IPI020N06N INFINEON-IPI020N06N Datasheet
624Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
IPP040N06N INFINEON-IPP040N06N Datasheet
501Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
BSZ100N06NS INFINEON-BSZ100N06NS Datasheet
697Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
BSC066N06NS INFINEON-BSC066N06NS Datasheet
406Kb / 10P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
BSC034N06NS INFINEON-BSC034N06NS Datasheet
495Kb / 10P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com